Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPT Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS1610IPAPT
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPT Datasheet(HTML) 2 Page - Texas Instruments

  ADS1610IPAPT Datasheet HTML 1Page - Texas Instruments ADS1610IPAPT Datasheet HTML 2Page - Texas Instruments ADS1610IPAPT Datasheet HTML 3Page - Texas Instruments ADS1610IPAPT Datasheet HTML 4Page - Texas Instruments ADS1610IPAPT Datasheet HTML 5Page - Texas Instruments ADS1610IPAPT Datasheet HTML 6Page - Texas Instruments ADS1610IPAPT Datasheet HTML 7Page - Texas Instruments ADS1610IPAPT Datasheet HTML 8Page - Texas Instruments ADS1610IPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
10
f
CLK
60 MHz
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ADS1610 passes
1.5K CDM testing. ADS1610 passes 1kV human body model testing (TI Standard is 2kV).
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI website at www.ti.com.
over operating free-air temperature range (unless otherwise noted) (1)
VALUE
UNIT
AVDD to AGND
–0.3 to +6
V
DVDD to DGND
–0.3 to +3.6
V
AGND to DGND
–0.3 to +0.3
V
100, Momentary
Input current, II
mA
10, Continuous
Analog I/O to AGND
-0.3 to AVDD + 0.3
V
Digital I/O to DGND
-0.3 to DVDD + 0.3
V
Maximum junction temperature, TJ
150
°C
Operating free-air temperature range, TA
-40 to +105
°C
Storage temperature range, Tstg
-60 to +150
°C
Lead temperature (soldering, 10s)
260
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
All specifications at –40
°C to 85°C, AVDD = 5V, DVDD = 3V, f
CLK = 60MHz, VREF = 3V, MODE = 00, VCM = 2.5V, and RBIAS
= 19k
Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VID(AINP - AINN)
Differential input voltage (AINP-AINN)
±V
REF
V
VIC(AINP + AINN)/2
Common-mode input voltage
2.5
V
Absolute input voltage (AINP or AINN
VIHA
–0.1
4.2
V
with respect to AGND)
DYNAMIC SPECIFICATIONS
Data rate
MSPS
Signal-to-noise ration relative to
SNR
fIN = 100kHz, –2dBFS
83
86
dBFS
full-scale(1)
(1)
For reference, this dynamic specification is extrapolated to full-scale and is thus dBFS. Subsequent dynamic specifications are dBc (dB),
which is: Specification (in dBc) = Specification (in dBFS) + AIN (input amplitude in dBFS). For more information see Understanding and
comparing datasheets for high-speed ADCs.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com