Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPT Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1610IPAPT
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1610IPAPT Datasheet HTML 17Page - Texas Instruments ADS1610IPAPT Datasheet HTML 18Page - Texas Instruments ADS1610IPAPT Datasheet HTML 19Page - Texas Instruments ADS1610IPAPT Datasheet HTML 20Page - Texas Instruments ADS1610IPAPT Datasheet HTML 21Page - Texas Instruments ADS1610IPAPT Datasheet HTML 22Page - Texas Instruments ADS1610IPAPT Datasheet HTML 23Page - Texas Instruments ADS1610IPAPT Datasheet HTML 24Page - Texas Instruments ADS1610IPAPT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
INTERFACING THE ADS1610 TO THE
DOUT[15:0]
ADS1610
DRDY
CS
16
RD
D[15:0]
TMS320C5400
INT3
IOSTRB
R/W
A15
IS
U1
U2
DOUT[15:0]
ADS1610
DRDY
CS
16
RD
XD[15:0]
TMS320C6000
EXT_INT7
CE2
ARE
INTERFACING THE ADS1610 TO THE
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
In general, keep the resistances used in the driving
The ADS1610 uses TI PowerPAD™ technology. The
circuits for the inputs and reference low to prevent
PowerPAD is physically connected to the substrate
excess
thermal
noise
from
degrading
overall
of the silicon inside the package and must be
performance. Avoid having the ADS1610 digital
soldered to the analog ground plane on the PCB
outputs drive heavy loads. Buffers on the outputs are
using
the
exposed
metal
pad
underneath
the
recommended unless the ADS1610 is connected
package for proper heat dissipation. See application
directly to a DSP or controller situated nearby.
report SLMA002, located at www.ti.com, for more
Additionally, make sure the digital inputs are driven
details on the PowerPAD package.
with clean signals as ringing on the inputs can
introduce noise.
spaces (address or data). This can help reduce the
possibility of digital noise coupling into the ADS1610.
When not using this signal, replace NAND gate U1
TMS320C6000
with an inverter between R/W and RD. Two signals,
Figure 42 illustrates how to directly connect the
IOSTRB and A15, combine using NAND gate U2 to
ADS1610 to the TMS320C6000 DSP. The processor
select the ADS1610. If there are no additional
controls reading using output ARE. The ADS1610 is
devices connected to the TMS320C5400 I/O space,
selected using the DSP control output, CE2. The
U2 can be eliminated. Simply connect IOSTRB
ADS1610 16-bit data output bus is directly connected
directly to CS. The ADS1610 16-bit data output bus
to the TMS320C6000 data bus. The data ready
is directly connected to the TMS320C5400 data bus.
output (DRDY) from the ADS1610 drives interrupt
The data ready output (DRDY) from the ADS1610
EXT_INT7 on the TMS320C6000.
drives interrupt INT3 on the TMS320C5400.
Figure 43. ADS1610 – TMS320C5400 Interface
Figure 42. ADS1610 – TMS320C6000 Interface
Connection
Connection
Code Composer Studio, available from TI, provides
support for interfacing TI DSPs through a collection
of data converter plug-ins. Check the TI website,
TMS320C5400
located at www.ti.com/sc/dcplug-in, for the latest
Figure 43 illustrates how to connect the ADS1610 to
information on ADS1610 support.
the TMS320C5400 DSP. The processor controls the
reading using the outputs R/W and IS. The I/O
space-select signal (IS) is optional and is used to
prevent the ADS1610 RD input from being strobed
when the DSP is accessing other external memory
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com