Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR.B Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1610IPAPR.B
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1610IPAPR.B Datasheet HTML 5Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 6Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 7Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 12Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
60
65
70
75
80
85
90
0.01
0.1
1
10
V
=-6dBFS
IN
V
=-20dBFS
IN
V
=2dBFS
IN
SIGNAL-TO-NOISERATIO
vsINPUT FREQUENCY
f
-InputFrequency-Mhz
IN
SIGNAL-TO-NOISE RATIO,
TOTAL HARMONIC DISTORTION, AND
SPURIOUS-FREE DYNAMIC RANGE vs INPUT
SIGNAL AMPLITUDE
SFDR
−THD
SNR
fIN = 100 kHz
100
90
80
70
60
50
40
30
20
10
−70
−60
−50
−40
−30
−20
−10
0
Input Signal (dB)
-110
-105
-100
-95
-90
-85
0.01
0.1
1
10
V
=-20dBFS
IN
V
=-6dBFS
IN
V
=-2dBFS
IN
TOTAL HARMONICDISTORTION
vsINPUT FREQUENCY
f
-InputFrequency-Mhz
IN
85
90
95
100
105
110
0.01
0.1
1
10
SPURIOUS-FREEDYNAMICRANGE
vsINPUT FREQUENCY
f
-InputFrequency-Mhz
IN
V
=-6dBFS
IN
V
=-2dBFS
IN
V
=-20dBFS
IN
CLK Frequency, fCLK (MHz)
80
82
84
86
88
90
5
6
7
8
9
10
11
fIN = 100 kHz,−6 dBFS
SIGNAL-TO-NOISE RATIO
vs CLK FREQUENCY
RBIAS = 19 k
RBIAS = 25 k
RBIAS = 31 k
RBIAS = 37 k
TOTAL HARMONIC DISTORTION
vs CLK FREQUENCY
CLK Frequency, fCLK (MHz)
−110
−105
−100
−95
−90
−85
−80
5
6
7
8
9
10
11
RBIAS = 31 k
RBIAS = 25 k
RBIAS = 19 k
RBIAS = 37 k
fin = 100 KHz, 6 dBFs
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, RBIAS = 19kΩ, AVDD = 5V, DVDD = 3V, fCLK = 60MHz, VREF = 3V, MODE = 00,and VCM = 2.5V (unless
otherwise noted).
Figure 10.
Figure 11.
Figure 12.
Figure 13.
Figure 14.
Figure 15.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com