Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610IPAPR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1610IPAPR.B
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1610IPAPR.B Datasheet HTML 7Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 8Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 9Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 10Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 11Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 12Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 13Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 14Page - Texas Instruments ADS1610IPAPR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
25k
20k
15k
1k
500
0
−6
−4
−2
0
2
4
6
VIN=0V
NOISEHISTOGRAM(WithInputsShorted)
OutputCode(LSB)
400
500
600
700
800
1000
1
4
7
10
OUTPUT DATA RATE
vsPOWERCONSUMPTION
OutputDataRate-Mhz
900
5
6
8
9
2
3
R
=19K
bias
W
R
=37K
bias
W
R
=31K
bias
W
R
=25K
bias
W
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, RBIAS = 19kΩ, AVDD = 5V, DVDD = 3V, fCLK = 60MHz, VREF = 3V, MODE = 00,and VCM = 2.5V (unless
otherwise noted).
Figure 22.
Figure 23.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com