Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPEP Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5500MPAPEP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPEP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5500MPAPEP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 9Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 10Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 11Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 12Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 13Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 14Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 15Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
12
PIN ASSIGNMENTS
TERMINAL
NO.
NAME
NO.
OF PINS
I/O
DESCRIPTION
AVDD
5, 7, 9, 15, 22, 24, 26,
28, 33, 34, 37, 39
12
I
Analog power supply
AGND
6, 8, 12, 13, 14, 16, 18,
21, 23, 25, 27, 32, 36, 38
14
I
Analog ground
DRVDD
49, 58
2
I
Output driver power supply
DRGND
1, 42, 48, 50, 57, 59
6
I
Output driver ground
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive), 0.1-
µF capacitor in series with a 1-Ω
resistor to GND
REFM
30
1
O
Reference voltage (negative), 0.1-
µF capacitor in series with a
1-
Ω resistor to GND
IREF
31
1
I
Current set, 56-k
Ω resistor to GND, do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), 200-k
Ω resistor to AVDD
OE
41
1
I
Output enable (active high)
DFS
40
1
I
Data format and clock out polarity select(1)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select
SDATA
3
1
I
Serial interface data
SCLK
2
1
I
Serial interface clock
D0 (LSB)−D13 (MSB)
44−47, 51−56, 60−63
14
O
Parallel data output
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
NOTE: PowerPAD is connected to analog ground.
(1) The DFS pin is programmable to four discrete voltage levels: 0, 3/8 AVDD, 5/8 AVDD, and AVDD. The thresholds are centered. More details are
listed in Table 3 on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com