Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPEP Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5500MPAPEP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPEP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5500MPAPEP Datasheet HTML 1Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 2Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 3Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 4Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 5Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 6Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 7Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
14Bit 125-MSPS
AnalogtoDigital Converter
ADS5500-EP
FEATURES
D 14-Bit Resolution
D 125−MSPS Sample Rate
D High Signal−to−Noise Ratio (SNR):
70.5 dBFS at 100 MHz fIN (TYP)
D High Spurious−Free Dynamic Range (SFDR):
82 dBc at 100−MHz fIN (TYP)
D 2.3-VPP Differential Input Voltage
D Internal Voltage Reference
D 3.3-V Single-Supply Voltage
D Analog Power Dissipation: 578 mW
− Total Power Dissipation: 780 mW
D Serial Programming Interface
D TQFP-64 PowerPADE Package
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
D Controlled Baseline
D One Assembly/Test Site
D One Fabrication Site
D Available in Military (−555C/1255C)
Temperature Range(1)
D Extended Product Life Cycle
D Extended Product−Change Notification
D Product Traceability
APPLICATIONS
D Wireless Communication
D Test and Measurement Instrumentation
D Single and Multichannel Digital Receivers
D Communication Instrumentation
− Radar, Infrared
D Video and Imaging
(1) Custom temperature ranges available.
DESCRIPTION
The ADS5500 is a high-performance, 14-bit 125−MSPS analog-to-digital converter (ADC). To provide a complete
converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal reference. Designed
for applications demanding the highest speed and highest dynamic performance in a small space, the ADS5500 has
excellent power consumption of 780 mW at 3.3-V single-supply voltage. This allows an even higher system
integration density. The provided internal reference simplifies system design requirements. A parallel CMOS-
compatible output ensures seamless interfacing with common logic.
The ADS5500 is available in a 64-pin TQFP PowerPAD package and is specified over the full temperature range of
−55
°C to 125°C.
PowerPAD is a trademark of Texas Instruments.
www.ti.com
Copyright
 2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - ADS5500MPAPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500MPAPEP TI1-ADS5500MPAPEP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5500MPAPEP TI1-ADS5500MPAPEP Datasheet
944Kb / 37P
Analog-To-Digital Converter
More results

Similar Description - ADS5500MPAPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com