Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPEP.A Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5500MPAPEP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPEP.A Datasheet(HTML) 2 Page - Texas Instruments

  ADS5500MPAPEP.A Datasheet HTML 1Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 2Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 3Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 4Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 5Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 6Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 7Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 8Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
2
Pipeline
ADC Core
S&H
CLK+
CLK
-
CLKOUT
VIN+
VIN-
Digital
Error
Correction
Timing Circuitry
Internal
Reference
Control Logic
Serial Programming Register
Output
Control
AVDD
D0
.
.
.
D13
CM
OVR
DFS
ADS5 5 0 0
AGND
DRGND
SEN
SDATA
SCLK
DRVDD
14-Bit
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
ADS5500−EP
HTQFP-64(2)
PAP
−55
°C to 125°C
ADS5500M
ADS5500MPAPEP
Tray, 160
ADS5500−EP
HTQFP-64(2)
PowerPAD
PAP
−55
°C to 125°C
ADS5500M
ADS5500MPAPREP
Tape and Reel, 1000
(1) For the most current product and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) Thermal pad size: 3,5 mm x 3,5 mm (min), 4 mm x 4 mm (max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com