Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPEP.A Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5500MPAPEP.A
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPEP.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5500MPAPEP.A Datasheet HTML 17Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 18Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 19Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 20Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 21Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 22Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 23Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 24Page - Texas Instruments ADS5500MPAPEP.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
21
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On( unless
otherwise noted)
65
70
75
80
85
50
0
100
150
200
250
300
40
50
60
70
80
90
100
110
120
130
140
150
Input Frequency (MHz)
SPURIOUS−FREE DYNAMIC RANGE (SFDR) WITH DLL ON
77
80
80
83
83
83
83
83
83
83
80
80
77
77
77
77
71
74
86
86
86
86
86
89
89
74
74
68
68
68
71
71
66
68
70
72
74
76
78
80
82
84
86
88
50
0
100
150
200
250
300
10
20
30
40
50
60
70
80
76
76
76
78
78
80
82
82
82
80
80
78
68
68
70
70
70
70
72
72
74
74
74
72
84
84
84
84
86
86
86
86
86
86
88
88
88
88
Input Frequency (MHz)
SPURIOUS−FREE DYNAMIC RANGE (SFDR) WITH DLL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com