Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5521 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5521 Datasheet HTML 1Page - Texas Instruments ADS5521 Datasheet HTML 2Page - Texas Instruments ADS5521 Datasheet HTML 3Page - Texas Instruments ADS5521 Datasheet HTML 4Page - Texas Instruments ADS5521 Datasheet HTML 5Page - Texas Instruments ADS5521 Datasheet HTML 6Page - Texas Instruments ADS5521 Datasheet HTML 7Page - Texas Instruments ADS5521 Datasheet HTML 8Page - Texas Instruments ADS5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.ti.com
.
.
.
ADS5542
Serial Programming Register
Control Logic
Timing Circuitry
Internal
Reference
Output
Control
CLKOUT
CLK+
CLK−
VIN+
VIN−
CM
AVDD
DRVDD
OVR
DFS
Digital
Error
Correction
14-Bit
Pipeline
ADC
Core
S&H
AGND
DRGND
SCLK
SDATA
SEN
D0
D13
ABSOLUTE MAXIMUM RATINGS
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5542IPAP
Tray, 160
HTQFP-64(2)
ADS5542
PAP
–40
°C to 85°C
ADS5542I
PowerPAD
ADS5542IPAPR
Tape and Reel, 1000
(1)
For the most current product and ordering information, see the Package Option Addendum at the end of this data sheet.
(2)
Thermal pad size: 3,5 mm
× 3,5 mm (min), 4 mm x 4 mm (max). θ
JA = 21.47°C/W and θJC = 2.99°C/W, when used with 2 oz. copper
trace and pad soldered directly to a JEDEC standard, four-layer, 3 in
× 3 in PCB.
over operating free-air temperature range (unless otherwise noted)(1)
ADS5500
UNIT
AVDD to AGND, DRVDD to DRGND
–0.3 to 3.7
V
Supply Voltage
AGND to DRGND
±0.1
V
Analog input to AGND(2)(3)
–0.3 to minimum (AVDD + 0.3, 3.6)
V
Logic input to DRGND
–0.3 to DRVDD
V
Digital data output to DRGND
–0.3 to DRVDD
V
Operating temperature range
–40 to 85
°C
Junction temperature
105
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
If the input signal can exceed 3.6 V, then a resistor greater than or equal to 25
Ω should be added in series with each of the analog
input pins to support input voltages up to 3.8 V. For input voltages above 3.8 V, the device can only handle transients and the duty cycle
of the overshoot should be limited to less than 5% for inputs up to 3.9 V.
(3)
The overshoot duty cycle can be defined as the ratio of the total time of overshoot to the total intended device lifetime, expressed as a
percentage. The total time of overshoot is the integrated time of all overshoot occurences over the lifetime of the device.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com