Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5521 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5521
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5521 Datasheet HTML 1Page - Texas Instruments ADS5521 Datasheet HTML 2Page - Texas Instruments ADS5521 Datasheet HTML 3Page - Texas Instruments ADS5521 Datasheet HTML 4Page - Texas Instruments ADS5521 Datasheet HTML 5Page - Texas Instruments ADS5521 Datasheet HTML 6Page - Texas Instruments ADS5521 Datasheet HTML 7Page - Texas Instruments ADS5521 Datasheet HTML 8Page - Texas Instruments ADS5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-VPP differential clock, and –1dBFS differential input,
unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic AC Characteristics
25
°C to 85°C
72.7
74.3
fIN = 10 MHz
Full temp range
71.5
74.0
fIN = 55 MHz
73.7
25
°C to 85°C
71.5
73.5
Signal-to-noise ratio, SNR
fIN = 70 MHz
dBFS
Full temp range
70.0
73
fIN = 100 MHz
72.9
fIN = 150 MHz
71.9
fIN = 220 MHz
70.7
RMS output noise
Input tied to common-mode
1.1
LSB
25
°C
80
92
fIN = 10 MHz
Full temp range
78
90
fIN = 55 MHz
88
25
°C
80
87
Spurious-free dynamic range, SFDR
fIN = 70 MHz
dBc
Full temp range
78
86
fIN = 100 MHz
88
fIN = 150 MHz
85
fIN = 220 MHz
77
25
°C
80
92
fIN = 10 MHz
Full temp range
78
90
fIN = 55 MHz
88
25
°C
80
87
Second-harmonic, HD2
fIN = 70 MHz
dBc
Full temp range
78
86
fIN = 100 MHz
88
fIN = 150 MHz
85
fIN = 220 MHz
77
25
°C
80
89
fIN = 10 MHz
Full temp range
78
88
fIN = 55 MHz
79
25
°C
80
85
Third-harmonic, HD3
fIN = 70 MHz
dBc
Full temp range
78
83
fIN = 100 MHz
83
fIN = 150 MHz
80
fIN = 220 MHz
76
fIN = 10 MHz
25
°C
88
Worst-harmonic/spur (other than HD2 and
dBc
HD3)
fIN = 70 MHz
25
°C
87
25
°C to 85°C
72.2
73.8
fIN = 10 MHz
Full temp range
71
73.5
fIN = 55 MHz
73.2
25
°C to 85°C
71
73.2
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
dBFS
Full temp range
69.5
72.5
fIN = 100 MHz
72.5
fIN = 150 MHz
71.8
fIN = 220 MHz
69.8
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com