Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25100AYFPR Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ25100AYFPR
Description  bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25100AYFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ25100AYFPR Datasheet HTML 18Page - Texas Instruments BQ25100AYFPR Datasheet HTML 19Page - Texas Instruments BQ25100AYFPR Datasheet HTML 20Page - Texas Instruments BQ25100AYFPR Datasheet HTML 21Page - Texas Instruments BQ25100AYFPR Datasheet HTML 22Page - Texas Instruments BQ25100AYFPR Datasheet HTML 23Page - Texas Instruments BQ25100AYFPR Datasheet HTML 24Page - Texas Instruments BQ25100AYFPR Datasheet HTML 25Page - Texas Instruments BQ25100AYFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
IN
VBUS
GND
HOST
bq25100
OUT
1ÛF
1ÛF
SYSTEM
D+
D-
USB Port or
Adapter
ISET
PRETERM
TEMP
PACK+
PACK-
TS
VSS
CE
3.4k
Ÿ
6k
Ÿ
2.7k
Ÿ
10 nF
Optional
RC
bq25100, bq25101, bq25100A, bq25100H, bq25101H, bq25100L
SLUSBV8C – AUGUST 2014 – REVISED NOVEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The bq2510x series of devices are highly integrated Li-Ion and Li-Pol linear chargers targeted at space-limited
portable applications. The fast charge current can be programmed from 10 mA to 250 mA through an external
resistor on ISET pin. The pre_charge and termination current can also be programmed through the resistor
connected on PRETERM pin. The device has complete system-level protection such as input under-voltage
lockout (UVLO), input over-voltage protection (OVP), sleep mode, thermal regulation, safety timers, and NTC
monitoring input.
9.2 Typical Application - Charger Application Design Example
9.2.1 Design Requirements
•
Supply voltage = 5 V
•
Fast charge current: IOUT-FC = 40 mA;
•
Termination Current Threshold: %IOUT-FC = 10% of Fast Charge or ~4 mA
•
Pre-Charge Current by default is twice the termination Current or ~8 mA
•
TS – Battery Temperature Sense = 10-k NTC (103AT)
•
/CE is an open drain control pin
9.2.2 Detailed Design Procedures
•
The regulation voltage is set to 4.2 V, the input voltage is 5 V and the charge current is programmed to 40
mA.
•
For charge current that is below 50 mA, an extra RC circuit is recommended on ISET to acheive more stable
current signal. For applications that need higher charge current, the RC circuit is not needed.
•
For applications that use more than 200-mA current, there could be a very low level ~1% of charge current
ringing in the output. The ringing can be removed by increasing the input capacitance.
22
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq25100 bq25101 bq25100A bq25100H bq25101H bq25100L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com