Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25100AYFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ25100AYFPR
Description  bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25100AYFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25100AYFPR Datasheet HTML 3Page - Texas Instruments BQ25100AYFPR Datasheet HTML 4Page - Texas Instruments BQ25100AYFPR Datasheet HTML 5Page - Texas Instruments BQ25100AYFPR Datasheet HTML 6Page - Texas Instruments BQ25100AYFPR Datasheet HTML 7Page - Texas Instruments BQ25100AYFPR Datasheet HTML 8Page - Texas Instruments BQ25100AYFPR Datasheet HTML 9Page - Texas Instruments BQ25100AYFPR Datasheet HTML 10Page - Texas Instruments BQ25100AYFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
bq25100, bq25101, bq25100A, bq25100H, bq25101H, bq25100L
www.ti.com
SLUSBV8C – AUGUST 2014 – REVISED NOVEMBER 2014
Electrical Characteristics (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 5 V; VTS = 0.5 V;
Deglitch time, recharge threshold
tDGL2(RCH)
VOUT = 3.5 V inserted;
29
ms
detected in OUT-Detect Mode
tDGL(RCH) is time to ISET ramp
BATTERY DETECT ROUTINE – (NOTE: In Hot mode VO(REG) becomes VO_HT(REG))
bq25100/101/bq25100H/101H;
VO(REG)-
VO(REG)-
VO(REG)-
VIN = 5 V; VTS = 0.5 V, Battery absent
0.450
0.400
0.350
VOUT reduced regulation during
VREG-BD
V
battery detect
bq25100A;
VO(REG)-
VO(REG)-
VO(REG)-
VIN = 5 V; VTS = 0.5 V; Battery absent
0.550
0.500
0.450
IBD-SINK
Sink current during VREG-BD
VIN = 5 V; VTS = 0.5 V; Battery absent
2
mA
Regulation time at VREG or VREG-
tDGL(HI/LOW REG)
VIN = 5 V; VTS = 0.5 V; Battery absent
25
ms
BD
VO(REG) -
VO(REG)-
VO(REG)-
VBD-HI
High battery detection threshold
VIN = 5 V; VTS = 0.5 V; Battery absent
V
0.150
0.100
0.050
VREG-BD
VREG-BD
VREG-BD
VBD-LO
Low battery detection threshold
VIN = 5 V; VTS = 0.5 V; Battery absent
V
+0.05
+0.1
+0.15
BATTERY CHARGING TIMERS AND FAULT TIMERS
Restarts when entering pre-charge;
tPRECHG
Pre-charge safety timer value
1700
1940
2250
s
Always enabled when in pre-charge.
Clears fault or resets at UVLO, TS disable, OUT
tMAXCH
Charge safety timer value
34000
38800
45000
s
Short, exiting LOWV and Refresh
BATTERY-PACK NTC MONITOR (see Note 1); TS pin: 10k NTC
INTC-10k
NTC bias current
VTS = 0.3 V
48.5
50.5
52.5
μA
10k NTC bias current when
INTC-DIS-10k
VTS = 0 V
27
30
33
μA
charging is disabled
INTC is reduced prior to entering
INTC-FLDBK-10k
TTDM to keep cold thermistor
VTS: Set to 1.525 V
4
5
6.5
μA
from entering TTDM
Termination and timer disable
VTTDM(TS)
VTS: 0.5 V → 1.7 V; Timer held in reset
1550
1600
1650
mV
mode Threshold – Enter
VHYS-TTDM(TS)
Hysteresis exiting TTDM
VTS: 1.7 V → 0.5 V; Timer enabled
100
mV
VCLAMP(TS)
TS maximum voltage clamp
VTS = Open (float)
1900
1950
2000
mV
Deglitch exit TTDM between
57
ms
states
tDGL(TTDM)
Deglitch enter TTDM between
8
μs
states
TS voltage where INTC is reduce
INTC adjustment (90 to 10%; 45 to 6.6 uA) takes
VTS_I-FLDBK
to keep thermistor from entering
place near this spec threshold;
1475
mV
TTDM
VTS: 1.425 V → 1.525 V
CTS
Optional capacitance – ESD
0.22
μF
Low temp charging to pending;
VTS-0°C
Low temperature CHG pending
1230
1255
1280
mV
VTS: 1 V → 1.5 V
At 0°C;
VHYS-0°C
Hysteresis
Charge pending to low temp charging;
100
mV
VTS: 1.5 V → 1 V
Normal charging to low temp charging;
VTS-10°C
Low temperature, half charge
775
800
830
mV
VTS: 0.5 V → 1 V
At 10°C;
VHYS-10°C
Hysteresis
Low temp charging to normal CHG;
55
mV
VTS: 1 V → 0.5 V
At 4.1V (bq25100/101) or 4.2V (bq25100H/101H);
VTS-45°C
High temperature
Normal charging to high temp CHG;
253
268
283
mV
VTS: 0.5 V → 0.2 V
At 45°C;
VHYS-45°C
Hysteresis
High temp charging to normal CHG;
20
mV
VTS: 0.2 V → 0.5 V
bq25100/01/100H/101H/100L;
VTS-60°C
High temperature disable
High temp charge to pending;
160
170
180
mV
VTS: 0.2 V → 0.1 V
At 60°C (bq25100/01/100H/101H/100L);
VHYS-60°C
Hysteresis
Charge pending to high temp CHG;
20
mV
VTS: 0.1 V → 0.2 V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq25100 bq25101 bq25100A bq25100H bq25101H bq25100L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com