Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR Datasheet(PDF) 2 Page - YAGEO Corporation

Part # LCR
Description  MOLDED RESISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

LCR Datasheet(HTML) 2 Page - YAGEO Corporation

  LCR Datasheet HTML 1Page - YAGEO Corporation LCR Datasheet HTML 2Page - YAGEO Corporation LCR Datasheet HTML 3Page - YAGEO Corporation LCR Datasheet HTML 4Page - YAGEO Corporation LCR Datasheet HTML 5Page - YAGEO Corporation LCR Datasheet HTML 6Page - YAGEO Corporation LCR Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.yageo.com
Sep. 27, 2023 V.1
Molded Resistors
2
7
Product Specification
LCR
Through Hole Resistors
APPLICATIONS
 RF Power Amplifier, snubber
circuit
 Switching mode power supply
 Low power impulse loading
FEATURES
 Low resistance
 Low inductance
 Small package size
 Excellent load life stability
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the low ohmic, current sense type molded resistor are
identified by the series, power rating, tolerance, packing, temperature
coefficient and resistance value.
PART NUMBER
LCR
100
F
B
-
0R015
(1)
(2)
(3)
(4)
(5)
(6)
(1) SERIES NAME
LCR Series
(2) POWER RATING
100= 1W
300 = 3W
500 = 5W
10A = 10W
(3) TOLERANCE
F = ±1%
G = ±2%
H= ±3%
J = ±5%
(4) PACKAGING
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) RESISTANCE VALUE
Example:
0R005 = 0.005
Ω, 0R01 = 0.01Ω, 0R1 = 0.1Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com