Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR Datasheet(PDF) 4 Page - YAGEO Corporation

Part # LCR
Description  MOLDED RESISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

LCR Datasheet(HTML) 4 Page - YAGEO Corporation

  LCR Datasheet HTML 1Page - YAGEO Corporation LCR Datasheet HTML 2Page - YAGEO Corporation LCR Datasheet HTML 3Page - YAGEO Corporation LCR Datasheet HTML 4Page - YAGEO Corporation LCR Datasheet HTML 5Page - YAGEO Corporation LCR Datasheet HTML 6Page - YAGEO Corporation LCR Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.yageo.com
Sep. 27, 2023 V.1
Molded Resistors
4
7
Product Specification
LCR
Through Hole Resistors
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
At 5 times of the rated power for 5 sec
±(0.5%+0.0005
Ω)
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient
IEC 60115-1 4.8
Between -55°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>10,000M
Ω
Solderability
IEC 60115-1 4.17
245±5°C for 3±0.5 Sec.
95% Min. coverage
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C,90-95% RH for 1000 Hr., loaded
with 0.1 times RCWV (1.5 Hr.on,0.5 Hr.
off)
±(1.0%+0.0005
Ω)
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV(or Umax., whichever
less) for 2,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±(2.0%+0.0005
Ω)
Temperature Cycling
IEC 60115-1 4.19
-55°C
➔ Room Temp. ➔ +125°C
➔Room Temp.(5 cycles)
±(0.2%+0.0005
Ω)
Endurance at upper
category temperature
275 ±3°C (+175±3°C for LCR100) for 250
hours
±(2.0%+0.0005
Ω)
Endurance at lower
category temperature
-65 ± 3°C for 24 hours
±(2.0%+0.0005
Ω)
Note:.
RCWV (Rated Continuous Working Voltage ):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com