Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
www.ti.com
1
TMS320DM355 Digital Media System-on-Chip (DMSoC)
1.1 Features
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
• 8-/16-bit YCC and Up to 18-Bit RGB666
• High-Performance Digital Media
Digital Output
System-on-Chip
• BT.601/BT.656 Digital YCbCr 4:2:2
–
216- and 270-MHz ARM926EJ-S Clock Rate
(8-/16-Bit) Interface
–
Fully Software-Compatible With ARM9
• Supports digital HDTV (720p/1080i)
• ARM926EJ-S Core
output for connection to external
–
Support for 32-Bit and 16-Bit (Thumb Mode)
encoder
Instruction Sets
• External Memory Interfaces (EMIFs)
–
DSP Instruction Extensions and Single
–
DDR2 and mDDR SDRAM 16-bit wide EMIF
Cycle MAC
With 256 MByte Address Space (1.8-V I/O)
–
ARM Jazelle Technology
–
Asynchronous16-/8-bit Wide EMIF (AEMIF)
–
EmbeddedICE-RT Logic for Real-Time
• Flash Memory Interfaces
Debug
–
NAND (8-/16-bit Wide Data)
• ARM9 Memory Architecture
–
OneNAND(16-bit Wide Data)
–
16K-Byte Instruction Cache
• Flash Card Interfaces
–
8K-Byte Data Cache
–
Two Multimedia Card (MMC) / Secure
–
32K-Byte RAM
Digital (SD/SDIO)
–
8K-Byte ROM
–
SmartMedia
–
Little Endian
• Enhanced Direct-Memory-Access (EDMA)
• MPEG4/JPEG Coprocessor
Controller (64 Independent Channels)
–
Fixed Function Coprocessor Supports:
• USB Port with Integrated 2.0 High-Speed PHY
• MPEG4 SP Codec at HD (720p), D1,
that Supports
VGA, SIF
–
USB 2.0 Full and High-Speed Device
• JPEG Codec up to 50M Pixels per
–
USB 2.0 Low, Full, and High-Speed Host
Second
• Three 64-Bit General-Purpose Timers (each
• Video Processing Subsystem
configurable as two 32-bit timers)
–
Front End Provides:
• One 64-Bit Watch Dog Timer
• Hardware IPIPE for Real-Time Image
• Three UARTs (One fast UART with RTS and
Processing
CTS Flow Control)
• CCD and CMOS Imager Interface
• Three Serial Port Interfaces (SPI) each with
• 14-Bit Parallel AFE (Analog Front End)
two Chip-Selects
Interface Up to 75 MHz
• One Master/Slave Inter-Integrated Circuit
• Glueless Interface to Common Video
(I2C) Bus™
Decoders
• Two Audio Serial Port (ASP)
• BT.601/BT.656 Digital YCbCr 4:2:2
–
I2S and TDM I2S
(8-/16-Bit) Interface
–
AC97 Audio Codec Interface
• Histogram Module
–
S/PDIF via Software
• Resize Engine
–
Standard Voice Codec Interface (AIC12)
–
Resize Images From 1/16x to 8x
–
SPI Protocol (Master Mode Only)
–
Separate Horizontal/Vertical Control
• Four Pulse Width Modulator (PWM) Outputs
–
Two Simultaneous Output Paths
• Four RTO (Real Time Out) Outputs
–
Back End Provides:
• Up to 104 General-Purpose I/O (GPIO) Pins
• Hardware On-Screen Display (OSD)
(Multiplexed with Other Device Functions)
• Composite NTSC/PAL video encoder
output
• On-Chip ARM ROM Bootloader (RBL) to Boot
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
I2C-bus is a trademark of Texas Instruments.
Windows is a trademark of Microsoft.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 153P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI1-TMS320DM355 Datasheet
1Mb / 163P
Digital Media System-on-Chip (DMSoC)
TMS320DM355CZCE216 TI1-TMS320DM355CZCE216 Datasheet
1Mb / 163P
Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com