Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 18Page - Texas Instruments TMS320DM355 Datasheet HTML 19Page - Texas Instruments TMS320DM355 Datasheet HTML 20Page - Texas Instruments TMS320DM355 Datasheet HTML 21Page - Texas Instruments TMS320DM355 Datasheet HTML 22Page - Texas Instruments TMS320DM355 Datasheet HTML 23Page - Texas Instruments TMS320DM355 Datasheet HTML 24Page - Texas Instruments TMS320DM355 Datasheet HTML 25Page - Texas Instruments TMS320DM355 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 154 page
background image
www.ti.com
2.4.5
GPIO
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463D – SEPTEMBER 2007 – REVISED FEBRUARY 2008
The General Purpose I/O signals provide generic I/O to external devices. Most of the GIO signals are
multiplexed with other functions.
Table 2-11. GPIO Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
GIO: GIO[000] Active low during MMC/SD boot (can be used as MMC/SD power
GIO000
C16
I/O/Z
VDD
control).
Can be used as external clock input for Timer 3.
GIO001
E14
I/O/Z
VDD
GIO: GIO[001] Can be used as external clock input for Timer 3.
GIO002
F15
I/O/Z
VDD
GIO: GIO[002] Can be used as external clock input for Timer 3.
GIO003
G15
I/O/Z
VDD
GIO: GIO[003] Can be used as external clock input for Timer 3.
GIO004
B17
I/O/Z
VDD
GIO: GIO[004]
GIO005
D15
I/O/Z
VDD
GIO: GIO[005]
GIO006
B18
I/O/Z
VDD
GIO: GIO[006]
GIO007 /
GIO: GIO[007]
SPI0_SDE
C17
I/O/Z
VDD
SPI0: Chip Select 1
NA[1]
SPI1_SD
SPI1: Data Out
O /
E12
I/O/Z
VDD
GIO: GIO[008]
GIO008
SPI1_SDI
/ GIO009 /
A13
I/O/Z
VDD
SPI1: Data In -OR- SPI1: Chip Select 1 GIO: GIO[009]
SPI1_SDE
NA[1]
SPI1_SCL
SPI1: Clock GIO:
K /
C13
I/O/Z
VDD
GIO[010]
GIO010
SPI1_SDE
SPI1: Chip Select 0
NA[0] /
E13
I/O/Z
VDD
GIO: GIO[011]
GIO011
UART1_T
UART1: Transmit Data
XD /
R17
I/O/Z
VDD
GIO: GIO[012]
GIO012
UART1_R
UART1: Receive Data
XD /
R15
I/O/Z
VDD
GIO: GIO[013]
GIO013
I2C_SCL /
I2C: Serial Clock GIO:
R14
I/O/Z
VDD
GIO014
GIO[014]
I2C_SDA /
I2C: Serial Data
R13
I/O/Z
VDD
GIO015
GIO: GIO[015]
CLKOUT3
CLKOUT: Output Clock 3
C11
I/O/Z
VDD
/ GIO016
GIO: GIO[016]
CLKOUT2
CLKOUT: Output Clock 2
A11
I/O/Z
VDD
/ GIO017
GIO: GIO[017]
CLKOUT1
CLKOUT: Output Clock 1
D12
I/O/Z
VDD
/ GIO018
GIO: GIO[018]
MMCSD1
_DATA0 /
MMCSD1: DATA0
GIO019 /
A18
I/O/Z
VDD
GIO: GIO[019]
UART2_T
UART2: Transmit Data
XD
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Device Overview
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com