Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD171N..K..-A Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # DD171N..K..-A
Description  Rectifier Diode Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD171N..K..-A Datasheet(HTML) 8 Page - Infineon Technologies AG

  DD171N..K..-A Datasheet HTML 1Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 2Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 3Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 4Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 5Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 6Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 7Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 8Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD171N
IFBIP D AEC / 2016-01-28, A.Glunz
A 13/11
8/9
Seite/page
Sperrverzögerungsladung
Grenzstrom
Sperrverzögerungsladung / Recovered charge Qr = f(-di/dt)
Tvj = Tvjmax, vR ≤ 0,5 VRRM, vRM = 0,8 VRRM
Parameter: Durchlaßstrom / On-state current iFM
Grenzstrom je Zweig / Maximum overload on-state current per arm IF(OV)M = f(t), vRM = 0,8 VRRM
a: Leerlauf / No-load conditions
b: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor) = IFAVM
Ta = 35°C, verstärkte Luftkühlung / Forced air cooling
Kühlkörper / Heatsink type: KM17 (Papst 4650)
Ta = 45°C, natürliche Luftkühlung / Natural air cooling
Kühlkörper / Heatsink type: KM17 (60W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com