Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD171N..K..-A Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # DD171N..K..-A
Description  Rectifier Diode Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD171N..K..-A Datasheet(HTML) 9 Page - Infineon Technologies AG

  DD171N..K..-A Datasheet HTML 1Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 2Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 3Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 4Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 5Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 6Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 7Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 8Page - Infineon Technologies AG DD171N..K..-A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD171N
IFBIP D AEC / 2016-01-28, A.Glunz
A 13/11
9/9
Seite/page
Überstrom
Überstrom je Zweig / Overload on-state current IF(OV)
B6- Sechspuls-Brückenschaltung, 120° Rechteck / Six-pulse bridge circuit, 120° rectangular
Kühlkörper / Heatsink type KM17 (60W) Natürliche Kühlung bei / Natural cooling at TA = 45°C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor)
Überstrom je Zweig / Overload on-state current IF(OV)
B6- Sechspuls-Brückenschaltung, 120° Rechteck / Six-pulse bridge circuit 120° rectangular
Kühlkörper / Heatsink type KM17 (Papst 4650) Verstärkte Kühlung bei / Forced cooling at TA = 35°C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com