Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCE925PW
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE925PW Datasheet HTML 2Page - Texas Instruments CDCE925PW Datasheet HTML 3Page - Texas Instruments CDCE925PW Datasheet HTML 4Page - Texas Instruments CDCE925PW Datasheet HTML 5Page - Texas Instruments CDCE925PW Datasheet HTML 6Page - Texas Instruments CDCE925PW Datasheet HTML 7Page - Texas Instruments CDCE925PW Datasheet HTML 8Page - Texas Instruments CDCE925PW Datasheet HTML 9Page - Texas Instruments CDCE925PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
(1)
For more information about VCXO configuration, and crystal recommendation, see VCXO Application Guideline for CDCE(L)9xx Family
(SCAA085).
(2)
Pulling range depends on crystal-type, on-chip crystal load capacitance and PCB stray capacitance; pulling range of minimum ±120 ppm
applies for crystal listed in VCXO Application Guideline for CDCE(L)9xx Family (SCAA085).
TA
Operating free-air temperature
–40
85
°C
CRYSTAL AND VCXO(1)
fXtal
Crystal input frequency (fundamental mode)
8
27
32
MHz
ESR
Effective series resistance
100
Ω
fPR
Pulling (0 V
≤ VCtrl ≤ 1.8 V)
(2)
±120
±150
ppm
VCtrl
Frequency control voltage
0
VDD
V
C0/C1
Pullability ratio
220
CL
On-chip load capacitance at Xin and Xout
0
20
pF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
CDCEx925
UNIT
PW (TSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
Airflow 0 (LFM)
101
°C/W
Airflow 150 (LFM)
85
Airflow 200 (LFM)
84
Airflow 250 (LFM)
82
Airflow 500 (LFM)
74
RθJC(top)
Junction-to-case (top) thermal resistance
42
°C/W
RθJB
Junction-to-board thermal resistance
63.63
°C/W
ψJT
Junction-to-top characterization parameter
1.01
°C/W
ψJB
Junction-to-board characterization parameter
58.12
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
58
°C/W
(1)
All typical values are at respective nominal VDD.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IDD
Supply current (see Figure 1)
All outputs off, fCLK = 27 MHz,
fVCO = 135 MHz, fOUT = 27 MHz
All PLLS on
20
mA
Per PLL
9
IDDOUT
Supply current (see Figure 2 and
Figure 3)
No load, all outputs on,
fOUT = 27 MHz
CDCE925,
VDDOUT = 3.3 V
2
mA
CDCEL925,
VDDOUT = 1.8 V
1
IDDPD
Power-down current. Every circuit
powered down except SDA/SCL
fIN = 0 MHz, VDD = 1.9 V
30
µA
VPUC
Supply voltage VDD threshold for power-
up control circuit
0.85
1.45
V
fVCO
VCO frequency range of PLL
80
230
MHz
fOUT
LVCMOS output frequency
CDCEx925 VDDOUT = 1.8 V
230
MHz
LVCMOS
VIK
LVCMOS input voltage
VDD = 1.7 V, IS = –18 mA
–1.2
V
II
LVCMOS input current
VI = 0 V or VDD, VDD = 1.9 V
±5
µA
IIH
LVCMOS input current for S0/S1/S2
VI = VDD, VDD = 1.9 V
5
µA
IIL
LVCMOS Input current for S0/S1/S2
VI = 0 V, VDD = 1.9 V
–4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com