Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCE925PW
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PW Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE925PW Datasheet HTML 8Page - Texas Instruments CDCE925PW Datasheet HTML 9Page - Texas Instruments CDCE925PW Datasheet HTML 10Page - Texas Instruments CDCE925PW Datasheet HTML 11Page - Texas Instruments CDCE925PW Datasheet HTML 12Page - Texas Instruments CDCE925PW Datasheet HTML 13Page - Texas Instruments CDCE925PW Datasheet HTML 14Page - Texas Instruments CDCE925PW Datasheet HTML 15Page - Texas Instruments CDCE925PW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The CDCE925 and CDCEL925 devices are modular PLL-based, low-cost, high-performance, programmable
clock synthesizers, multipliers, and dividers. They generate up to five output clocks from a single input frequency.
Each output can be programmed in-system for any clock frequency up to 230 MHz, using one of the two
integrated configurable PLLs.
The CDCx925 has separate output supply pins, VDDOUT, which is 1.8 V for CDCEL925 and 2.5 V to 3.3 V for
CDCE925.
The input accepts an external crystal or LVCMOS clock signal. If an external crystal is used, an on-chip load
capacitor is adequate for most applications. The value of the load capacitor is programmable from 0 pF to 20 pF.
Additionally, a selectable on-chip VCXO allows synchronization of the output frequency to an external control
signal, that is, the PWM signal.
The deep M/N divider ratio allows the generation of 0-ppm audio and video, networking (WLAN, Bluetooth,
Ethernet, GPS), or interface (USB, IEEE1394, memory stick) clocks from a reference input frequency such as
27 MHz.
All PLLs support spread-spectrum clocking (SSC). SSC can be center-spread or down-spread clocking. This is a
common technique to reduce electro-magnetic interference (EMI).
Based on the PLL frequency and the divider settings, the internal loop filter components are automatically
adjusted to achieve high stability, and to optimize the jitter-transfer characteristic of each PLL.
The device supports non-volatile EEPROM programming for easy customization of the device in the application.
It is preset to a factory default configuration (see Default Device Setting). It can be reprogrammed to a different
application configuration before PCB assembly, or reprogrammed by in-system programming. All device settings
are programmable through the SDA and SCL bus, a 2-wire serial interface.
Three free programmable control inputs, S0, S1, and S2, can be used to control various aspects of operation
including frequency selection, changing the SSC parameters to lower EMI, PLL bypass, power down, or other
control features like outputs disable to low, outputs in high-impedance state, and so forth.
The CDCx925 operates in a 1.8-V environment. It operates within a temperature range of –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com