Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1802 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCM1802
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM1802 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 2Page - Texas Instruments CDCM1802 Datasheet HTML 3Page - Texas Instruments CDCM1802 Datasheet HTML 4Page - Texas Instruments CDCM1802 Datasheet HTML 5Page - Texas Instruments CDCM1802 Datasheet HTML 6Page - Texas Instruments CDCM1802 Datasheet HTML 7Page - Texas Instruments CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
CDCM1802
SCAS759C – APRIL 2004 – REVISED JULY 2017
www.ti.com
Product Folder Links: CDCM1802
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
For a 800-MHz signal, the 50-ps error would result into a duty cycle distortion of ±4% when driven by an ideal clock input signal.
(2)
For a 200-MHz signal, the 150-ps error would result in a duty cycle distortion of ±3% when driven by an ideal clock input signal.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVPECL OUTPUT DRIVER Y0, Y0
tDuty
Output duty cycle distortion(1)
Crossing point-to-crossing point
distortion
−50
50
ps
tsk(pp)
Part-to-part skew
Any Y0 (see Note A in Figure 7)
50
ps
tr/tf
Rise and fall time
20% to 80% of VOUTPP
(see Figure 8)
200
350
ps
LVPECL INPUT-TO-LVPECL OUTPUT PARAMETER
tpd(lh)
Propagation delay rising edge
VOX to VOX
320
600
ps
tpd(hl)
Propagation delay falling edge
VOX to VOX
320
600
ps
tsk(p)
LVPECL pulse skew
(see Note B in Figure 7)
VOX to VOX
100
ps
LVCMOS OUTPUT PARAMETER, Y1
tskLVCMOS(o)
Output skew between the LVCMOS
output Y1 and LVPECL output Y0
VOX to VDD / 2 (see Figure 7)
1.6
ns
tDuty
Output duty cycle distortion(2)
Measured at VDD / 2
−150
150
ps
tsk(pp)
Part-to-part skew
Y1 (see Note A in Figure 7)
300
ps
tpd(lh)
Propagation delay rising edge from
IN to Y1
VOX to VDD / 2 load (see Figure 9)
1.6
2.6
ns
tpd(hl)
Propagation delay falling edge from
IN to Y1
VOX to VDD / 2 load (see Figure 9)
1.6
2.6
ns
tr
Output rise slew rate
20% to 80% of swing
(see Figure 9)
1.4
2.3
V/ns
tf
Output fall slew rate
80% to 20% of swing
(see Figure 9)
1.4
2.3
V/ns
6.7 Jitter Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tjitterLVPECL
Additive phase jitter from input to
LVPECL output Y0
(see Figure 1)
12 kHz to 20 MHz, fout = 250 MHz to 800 MHz,
divide by 1 mode
0.15
ps rms
50 kHz to 40 MHz, fout = 250 MHz to 800 MHz,
divide by 1 mode
0.25
ps rms
tjitterLVCMOS
Additive phase jitter from input to
LVCMOS output Y1
(see Figure 2)
12 kHz to 20 MHz, fout = 250 MHz, divide by 1
mode
0.25
ps rms
50 kHz to 40 MHz, fout = 250 MHz, divide by 1
mode
0.4
ps rms
6.8 Supply Current Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
Full load
All outputs enabled and terminated with 50 Ω to VDD − 2 V on
LVPECL outputs and 10 pF on LVCMOS output,
f = 800 MHz for LVPECL outputs and 200 MHz for LVCMOS,
VDD = 3.3 V
100
mA
No load
Outputs enabled, no output load, f = 800 MHz for LVPECL outputs
and 200 MHz for LVCMOS, VDD = 3.6 V
85
mA
IDDZ
Supply current, 3-state
All outputs 3-state by control logic, f = 0 Hz, VDD = 3.6 V
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com