Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM1802 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCM1802
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM1802 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCM1802 Datasheet HTML 5Page - Texas Instruments CDCM1802 Datasheet HTML 6Page - Texas Instruments CDCM1802 Datasheet HTML 7Page - Texas Instruments CDCM1802 Datasheet HTML 8Page - Texas Instruments CDCM1802 Datasheet HTML 9Page - Texas Instruments CDCM1802 Datasheet HTML 10Page - Texas Instruments CDCM1802 Datasheet HTML 11Page - Texas Instruments CDCM1802 Datasheet HTML 12Page - Texas Instruments CDCM1802 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CDCM1802
LVCMOS
Y1
1 lQ
1 lQ
10 pF
VDD
Y0
Y0
|Y0 t Y0|
VOUT(pp)
80%
0 V
20%
tf
tr
VOH
VOL
tPHLO
0.5 x VDD1
tskLVCMOS(o)
IN
IN
Y0
Y0
Y1
9
CDCM1802
www.ti.com
SCAS759C – APRIL 2004 – REVISED JULY 2017
Product Folder Links: CDCM1802
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
7 Parameter Measurement Information
A.
Part-to-part skew, tsk(pp), is calculated as the greater of:
M
− The difference between the fastest and the slowest tpd(LH)n across multiple devices
M
− The difference between the fastest and the slowest tpd(HL)n across multiple devices
B.
Pulse skew, tsk(p), is calculated as the magnitude of the absolute time difference between the high-to-low (tpd(HL) and
the
low-to-high
(tpd(LH))
propagation
delays
when
a
single
switching
input
causes
Y0
to
switch,
tsk(p) = | tpd(HL) − tpd(LH) |. Pulse skew is sometimes referred to as pulse width distortion or duty cycle skew.
Figure 7. Waveforms for Calculation of tsk(o) and tsk(pp)
Figure 8. LVPECL Differential Output Voltage and Rise and Fall Time
Figure 9. LVCMOS Output Loading During Device Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com