Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCE925PW.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PW.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE925PW.B Datasheet HTML 3Page - Texas Instruments CDCE925PW.B Datasheet HTML 4Page - Texas Instruments CDCE925PW.B Datasheet HTML 5Page - Texas Instruments CDCE925PW.B Datasheet HTML 6Page - Texas Instruments CDCE925PW.B Datasheet HTML 7Page - Texas Instruments CDCE925PW.B Datasheet HTML 8Page - Texas Instruments CDCE925PW.B Datasheet HTML 9Page - Texas Instruments CDCE925PW.B Datasheet HTML 10Page - Texas Instruments CDCE925PW.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
10,000 cycles
(3)
Jitter depends on configuration. Jitter data is for input frequency = 27 MHz, fVCO = 135 MHz, fOUT = 27 MHz. fOUT = 3.072 MHz or input
frequency = 27 MHz, fVCO = 108 MHz, fOUT = 27 MHz. fOUT = 16.384 MHz, fOUT = 25 MHz, fOUT = 74.25 MHz, fOUT = 48 MHz
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and the outputs are generated from the same divider,
data sampled on rising edge (tr).
(5)
odc depends on output rise- and fall-time (tr/tf);
CI
Input capacitance at Xin/Clk
VIClk = 0 V or VDD
6
pF
Input capacitance at Xout
VIXout = 0 V or VDD
2
Input capacitance at S0/S1/S2
VIS = 0 V or VDD
3
CDCE925 – LVCMOS FOR VDDOUT = 3.3 V
VOH
LVCMOS high-level output voltage
VDDOUT = 3 V, IOH = –0.1 mA
2.9
V
VDDOUT = 3 V, IOH = –8 mA
2.4
VDDOUT = 3 V, IOH = –12 mA
2.2
VOL
LVCMOS low-level output voltage
VDDOUT = 3 V, IOL = 0.1 mA
0.1
V
VDDOUT = 3 V, IOL = 8 mA
0.5
VDDOUT = 3 V, IOL = 12 mA
0.8
tPLH, tPHL
Propagation delay
All PLL bypass
3.2
ns
tr/tf
Rise and fall time
VDDOUT = 3.3 V (20%–80%)
0.6
ns
tjit(cc)
Cycle-to-cycle jitter(2)(3)
1 PLL switching, Y2-to-Y3
50
70
ps
2 PLL switching, Y2-to-Y5
90
130
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
60
100
ps
2 PLL switching, Y2-to-Y5
100
160
tsk(o)
Output skew (4)
fOUT = 50 MHz, Y1-to-Y3
70
ps
fOUT = 50 MHz, Y2-to-Y5
150
odc
Output duty cycle (5)
fVCO = 100 MHz, Pdiv = 1
45%
55%
CDCE925 – LVCMOS FOR VDDOUT = 2.5 V
VOH
LVCMOS high-level output voltage
VDDOUT = 2.3 V, IOH = –0.1 mA
2.2
V
VDDOUT = 2.3 V, IOH = –6 mA
1.7
VDDOUT = 2.3 V, IOH = –10 mA
1.6
VOL
LVCMOS low-level output voltage
VDDOUT = 2.3 V, IOL = 0.1 mA
0.1
V
VDDOUT = 2.3 V, IOL = 6 mA
0.5
VDDOUT = 2.3 V, IOL = 10 mA
0.7
tPLH, tPHL
Propagation delay
All PLL bypass
3.6
ns
tr/tf
Rise and fall time
VDDOUT = 2.5 V (20%–80%)
0.8
ns
tjit(cc)
Cycle-to-cycle jitter(2) (3)
1 PLL switching, Y2-to-Y3
50
70
ps
2 PLL switching, Y2-to-Y5
90
130
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
60
100
ps
2 PLL switching, Y2-to-Y5
100
160
tsk(o)
Output skew(4)
fOUT = 50 MHz, Y1-to-Y3
70
ps
fOUT = 50 MHz, Y2-to-Y5
150
odc
Output duty cycle(5)
fVCO = 100 MHz, Pdiv = 1
45%
55%
CDCEL925 – LVCMOS FOR VDDOUT = 1.8 V
VOH
LVCMOS high-level output voltage
VDDOUT = 1.7 V, IOH = –0.1 mA
1.6
V
VDDOUT = 1.7 V, IOH = –4 mA
1.4
VDDOUT = 1.7 V, IOH = –8 mA
1.1
VOL
LVCMOS low-level output voltage
VDDOUT = 1.7 V, IOL = 0.1 mA
0.1
V
VDDOUT = 1.7 V, IOL = 4 mA
0.3
VDDOUT = 1.7 V, IOL = 8 mA
0.6
tPLH, tPHL
Propagation delay
All PLL bypass
2.6
ns
tr/tf
Rise and fall time
VDDOUT = 1.8 V (20%–80%)
0.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com