Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PW.B Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCE925PW.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PW.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE925PW.B Datasheet HTML 9Page - Texas Instruments CDCE925PW.B Datasheet HTML 10Page - Texas Instruments CDCE925PW.B Datasheet HTML 11Page - Texas Instruments CDCE925PW.B Datasheet HTML 12Page - Texas Instruments CDCE925PW.B Datasheet HTML 13Page - Texas Instruments CDCE925PW.B Datasheet HTML 14Page - Texas Instruments CDCE925PW.B Datasheet HTML 15Page - Texas Instruments CDCE925PW.B Datasheet HTML 16Page - Texas Instruments CDCE925PW.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
EEPROM
Xin/CLK
Xout
VDD
GND
Vctr
VDDOUT
VCXO
XO
LVCMOS
Y2
Y1
Y3
LV
CMOS
Pdiv1
10-Bit
Y4
Y5
LV
CMOS
Pdiv5
7-Bit
Pdiv4
7-Bit
LV
CMOS
LV
CMOS
Pdiv3
7-Bit
Pdiv2
7-Bit
LV
CMOS
Programming
and
SDA/SCL
Register
Input Clock
PLL Bypass
PLL 1
With SSC
PLL Bypass
PLL 2
With SSC
S0
S1/SDA
S2/SCL
Copyright © 2016, Texas Instruments Incorporated
13
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9.2 Functional Block Diagram
Figure 6. Functional Block Diagram for CDCEx925
9.3 Feature Description
9.3.1 Control Terminal Setting
The CDCEx925 has three user-definable control terminals (S0, S1, and S2) which allow external control of
device settings. They can be programmed to any of the following settings:
Spread spectrum clocking selection
→ spread type and spread amount selection
Frequency selection
→ switching between any of two user-defined frequencies
Output state selection
→ output configuration and power-down control
The user can predefine up to eight different control settings. Table 1 and Table 2 explain these settings.
Table 1. Control Terminal Definition
EXTERNAL
CONTROL
BITS
PLL1 SETTING
PLL2 SETTING
Y1 SETTING
Control
function
PLL frequency
selection
SSC
selection
Output Y2/Y3
selection
PLL frequency
selection
SSC
selection
Output Y4/Y5
selection
Output Y1 and power-
down selection
(1)
Center/down-spread, Frequency0/1 and State0/1 are user-definable in the PLLx configuration register.
Table 2. PLL Setting (Can Be Selected for Each PLL Individual)(1)
SSC SELECTION (CENTER/DOWN)
SSCx [3-Bits]
CENTER
DOWN
0
0
0
0% (off)
0% (off)
0
0
1
±0.25%
–0.25%
0
1
0
±0.5%
–0.5%
0
1
1
±0.75%
–0.75%
1
0
0
±1%
–1.0%
1
0
1
±1.25%
–1.25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com