Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD15380F3 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD15380F3
Description  CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD15380F3 Datasheet(HTML) 2 Page - Texas Instruments

  CSD15380F3 Datasheet HTML 1Page - Texas Instruments CSD15380F3 Datasheet HTML 2Page - Texas Instruments CSD15380F3 Datasheet HTML 3Page - Texas Instruments CSD15380F3 Datasheet HTML 4Page - Texas Instruments CSD15380F3 Datasheet HTML 5Page - Texas Instruments CSD15380F3 Datasheet HTML 6Page - Texas Instruments CSD15380F3 Datasheet HTML 7Page - Texas Instruments CSD15380F3 Datasheet HTML 8Page - Texas Instruments CSD15380F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Specifications.................................................................. 3
5.1 Electrical Characteristics.............................................3
5.2 Thermal Information....................................................3
5.3 Typical MOSFET Characteristics................................ 4
6 Device and Documentation Support..............................6
6.1 Receiving Notification of Documentation Updates......6
6.2 Trademarks.................................................................6
7 Mechanical, Packaging, and Orderable Information.... 7
7.1 Mechanical Dimensions.............................................. 7
7.2 Recommended Minimum PCB Layout........................8
7.3 Recommended Stencil Pattern................................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2017) to Revision B (February 2022)
Page
• Changed ultra-low profile bullet from 0.35 mm to 0.36 mm in height................................................................. 1
• Updated ultra-low profile image height from 0.35 mm to 0.36 mm..................................................................... 1
• Changed ultra-low profile image height from 0.35 mm to 0.36 mm.................................................................... 7
• Added FemtoFET Surface Mount Guide note.................................................................................................... 8
Changes from Revision A (July 2017) to Revision B (November 2018)
Page
• Changed ultra-low profile bullet from 0.35 mm to 0.36 mm in height................................................................. 1
• Updated ultra-low profile image height from 0.35 mm to 0.36 mm..................................................................... 1
• Changed ultra-low profile image height from 0.35 mm to 0.36 mm.................................................................... 7
• Added FemtoFET Surface Mount Guide note.................................................................................................... 8
CSD15380F3
SLPS579B – MAY 2016 – REVISED FEBRUARY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD15380F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com