Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD15380F3 Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD15380F3
Description  CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD15380F3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD15380F3 Datasheet HTML 7Page - Texas Instruments CSD15380F3 Datasheet HTML 8Page - Texas Instruments CSD15380F3 Datasheet HTML 9Page - Texas Instruments CSD15380F3 Datasheet HTML 10Page - Texas Instruments CSD15380F3 Datasheet HTML 11Page - Texas Instruments CSD15380F3 Datasheet HTML 12Page - Texas Instruments CSD15380F3 Datasheet HTML 13Page - Texas Instruments CSD15380F3 Datasheet HTML 14Page - Texas Instruments CSD15380F3 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
2X (0.25)
2X (0.15)
0.05 MIN
ALL AROUND
TYP
(0.4)
(0.35)
(0.15)
(0.5)
(0.175)
(R0.05) TYP
4222304/B 03/2022
PicoStar
- 0.36 mm max height
YJM0003A
PicoStar
PKG
1
2
SYMM
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:50X
3
SOLDER MASK
OPENING
TYP
METAL UNDER
SOLDER MASK
TYP
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
TM
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com