Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F271Z1Q3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F271Z1Q3
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1Q3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F271Z1Q3 Datasheet HTML 7Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 8Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 9Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 10Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 11Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 12Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 13Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 14Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 185 page
background image
ST10F271Z1
Introduction
11/185
1
Introduction
The ST10F271Z1 device is a derivative of the STMicroelectronics ST10 family of 16-bit
single-chip CMOS microcontrollers.
The ST10F271Z1 combines high CPU performance (up to 32 million instructions per
second) with high peripheral functionality and enhanced I/O-capabilities. It also provides on-
chip high-speed single voltage Flash memory, on-chip high-speed RAM, and clock
generation via PLL.
The ST10F271Z1 is processed in 0.18 µm CMOS technology. The MCU core and the logic
is supplied with a 5V to 1.8 V on-chip voltage regulator. The part is supplied with a single 5V
supply and I/Os work at 5 V.
The ST10F271Z1 devices are based on the ST10F272 silicon, and 100% compatible, with
the difference that only a reduced portion of the on-chip Flash and RAM memories are
usable. The available memories will be detailled in the Chapter 4: Memory organization.
Figure 1.
Logic symbol
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA / VSTBY
READY
ALE
RD
WR / WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
VDD VSS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
ST10F271Z1
V18
XTAL3
XTAL4
RPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com