Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F271Z1Q3 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F271Z1Q3
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1Q3 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F271Z1Q3 Datasheet HTML 34Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 35Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 36Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 37Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 38Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 39Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 40Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 41Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 185 page
background image
Internal Flash memory
ST10F271Z1
38/185
When the Access Protection is enabled, Flash registers can not be written, so no
program/erase operation can be run on I-Flash. To enable the access to registers again, the
Temporary Access Unprotection procedure has to be followed (see Section 5.5.9).
5.5.8
Write protection
The Flash modules have one level of write protections: each sector of each bank of each
Flash module can be software write protected by programming at 0 the related bit W0Px in
FNVWPIRL register.
5.5.9
Temporary unprotection
Bits W0Px of FNVWPIRL can be temporary unprotected by executing the set protection
operation and by writing 1 into these bits.
To restore the write protection bits it is necessary to reset the microcontroller or to execute a
set protection operation and write 0 into the desired bits.
In reality, when a temporary write unprotection operation is executed, the corresponding
volatile register is written to 1, while the non-volatile registers bits previously written to 0 (for
a protection set operation), will continue to maintain the 0. For this reason, the user software
must be in charge to track the current write protection status (for instance using a specific
RAM area), it is not possible to deduce it by reading the non-volatile register content (a
temporary unprotection cannot be detected).
To temporary unprotect the Flash when the access protection is active, it is necessary to set
at 1 the bit TAUB in XFVTAUR0. This bit can be write at 1, only executing from Flash: in this
way only an instruction executed from Flash can unprotect the Flash itself.
To restore the access protection, it is necessary to reset the microcontroller or to write at 0
the bit TAUB in XFVTAUR0.
5.6
Write operation examples
In the following, examples for each kind of Flash write operation are presented.
Figure 6.
Summary of access protection level
Read IFlash /
jump to IFlash
Read XRAMS or
ext mem / jump to
XRAM or ext mem
Read Flash
registers
Write Flash
registers
Fetching from IFlash
Yes / Yes
Yes / Yes
Yes
No
Fetching from IRAM
No / Yes
Yes / Yes
Yes
No
Fetching from XRAM
No / Yes
Yes / Yes
Yes
No
Fetching from external
memory
No / Yes
Yes / Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com