Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD669 Datasheet(PDF) 3 Page - Multicomp Pro

Part # CSD669
Description  Single Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CSD669 Datasheet(HTML) 3 Page - Multicomp Pro

  CSD669 Datasheet HTML 1Page - Multicomp Pro CSD669 Datasheet HTML 2Page - Multicomp Pro CSD669 Datasheet HTML 3Page - Multicomp Pro CSD669 Datasheet HTML 4Page - Multicomp Pro CSD669 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page <3>
V1.0
23/02/24
Single Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dimensions : Millimetres
Reflow profiles in tabular form
Profile Feature
Sn-Pb System
Pb-Free System
Average Ramp-Up Rate
~3°C/second
~3°C/second
Preheat
– Temperature Range
– Time
150-170°C
60-180 seconds
150-200°C
60-180 seconds
Time maintained above:
– Temperature
– Time
200°C
30-50 seconds
217°C
60-150 seconds
Peak Temperature
235°C
260°C max.
Time within +0 -5°C of actual Peak
10 seconds
40 seconds
Ramp-Down Rate
3°C/second max.
6°C/second max.
The Recommended solder Profile For Devices
with Pb-free terminal plating where a
Pb-free solder is used
The Recommended solder Profile For Devices with Pb-free
terminal plating used with leaded solder, or for devices with
leaded terminal plating used with leaded solder
Wave Profiles in Tabular Form
Profile Feature
Sn-Pb System
Pb-Free System
Average Ramp-Up Rate
~200°C/second
~200°C/second
Heating rate during preheat
Typical 1-2, Max 4°C/sec
Typical 1-2, Max 4°C/Sec
Final preheat Temperature
Within 125°C of Solder Temp Within 125°C of Solder Temp
Peak Temperature
235°C
260°C max.
Time within +0 -5°C of actual Peak
10 seconds
10 seconds
Ramp-Down Rate
5°C/second max.
5°C/second max.
Recommended Wave Solder Profiles



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com