Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD669 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CSD669
Description  Single Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CSD669 Datasheet(HTML) 1 Page - Multicomp Pro

  CSD669 Datasheet HTML 1Page - Multicomp Pro CSD669 Datasheet HTML 2Page - Multicomp Pro CSD669 Datasheet HTML 3Page - Multicomp Pro CSD669 Datasheet HTML 4Page - Multicomp Pro CSD669 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page <1>
V1.0
23/02/24
Single Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Absolute Maximum Ratings (Ta = 25°C Unless otherwise specified)
Parameter
Symbol
CSB649
CSD669
CSB649A
Unit
Collector-base voltage (open emitter)
VCBO
180
V
Collector-emitter voltage (open base)
VCEO
160
Collector current
IC
1.5
A
Total power dissipation up to TC = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Emitter-base voltage (open collector)
VEBO
5
V
Collector current (peak)
ICP
3
A
Total power dissipation up to TA = 25°C
PC
1
W
Storage temperature
Tstg
65 to +150
°C
Application
•  Low frequency Power Amplifier
Features:
1. This product is available in AEC-Q101 Compliant and PPAP Capable also.
Parameter
Symbol
Test Condition
Min./Min CSB649
CSD669 CSB649A
Unit
Collector Cut off Current
ICBO
IE = 0; VCB = 160V
Max
10
μA
Breakdown voltages
VCEO
IC = 10mA; IB = 0
120
160
V
IC = 1mA; IE = 0
180
VEBO
IE = 1mA; IC = 0
5
Saturation voltage
VCEsat
IC = 500mA; IB = 50mA
1
Base-emitter voltage
VBE (on)
IC = 150mA; VCE = 5V
1.5
DC Current Gain
hFE
IC = 150mA; VCE = 5V
Min
60
Max
320
200
IC = 500mA; VCE = 5V
Min
30
Transition frequency
fT
IC = 150mA; VCE = 5V
Typ
140
MHz
Output capacitance
Cob
VCB = 10 V;
IE = 0; f = 1 MHz
PNP
27
pF
NPN
14
Electrical Characteristics at (Ta = 25°C Unless otherwise specified)


Similar Part No. - CSD669

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD669 CDIL-CSD669 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
CSD669A CDIL-CSD669A Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
More results

Similar Description - CSD669

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com