Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18/4FPLP Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 18/4FPLP
Description  4C/18 AWG SOLID FPLP PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

18/4FPLP Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  18/4FPLP Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description : 4C/18 AWG SOLID FPLP PLENUM, RED JKT - 1000 FT SPOOL
Conductor :
18 AWG Solid HBC Cond.
Total Cable Weight : 48 kg/km
Final Diameter :
0.166 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
6.7 Ohms / 1000 ft
Mutual Capacitance : 27.9 pF/ft
Impedance :
64.7 Ohms
Velocity of Prop : 62 %
Inductance. :
1.4 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS --- P/N 18/4FPLP --- (UL) CL2P/CL3P
E198137 OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 4/C 18 AWG ---
ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.138
Ins Thickness: 0.008
Jkt Thickness: 0.015
Certified: UL CL2P/CL3P OR FPLP/CMP
Flame Rating: FT-6
Max Voltage: 300V
( All of the above values are approximated to within
)
+/- 10%
30.50
13.86
P
162
75
75
SCP PART#: 18/4FPLP
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Rev02/22


Similar Part No. - 18/4FPLP

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
18/4FPLP-SH STRUCTURED-CABLE-18/4FPLP-SH Datasheet
499Kb / 1P
4C/18AWG SOLID SHIELDED FPLP PLENUM
Rev06/23
More results

Similar Description - 18/4FPLP

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C35214186 GENERAL-C35214186 Datasheet
84Kb / 4P
C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
C3210 GENERAL-C3210 Datasheet
27Kb / 1P
2/C 16 SOLID BC HALAR INS. & PVDF JKT 2/C 16 AWG FPLP PLENUM CABLE
C9031A GENERAL-C9031A Datasheet
71Kb / 1P
4C 18 AWG 16/30 TC PVC / PVC
C9131A GENERAL-C9131A Datasheet
71Kb / 1P
4C 18 AWG 16/30 TC PVC / OAS / PVC
C9231A GENERAL-C9231A Datasheet
70Kb / 1P
4C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1695A ETC2-1695A Datasheet
107Kb / 4P
RG-6/U type, 18 AWG solid .040 bare copper conductor, plenum, foam FEP insulation
logo
Belden Inc.
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6300UH BELDEN-6300UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com