Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMA330B4 Datasheet(PDF) 2 Page - Microchip Technology

Part # MSC080SMA330B4
Description  3300 V, 400 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA330B4 Datasheet(HTML) 2 Page - Microchip Technology

  MSC080SMA330B4 Datasheet HTML 1Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 2Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 3Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 4Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.
Device Specifications
This section shows the specifications of the MSC400SMA330B4 device.
1.1
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the MSC400SMA330B4 device.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDSS
Drain source voltage
3300
V
ID
Continuous drain current at TC = 25 °C
11
A
Continuous drain current at TC = 100 °C
7
IDM
Pulsed drain current1
27
VGS
Gate-source voltage
23 to –10
V
PD
Total power dissipation at TC = 25 °C
131
W
Linear derating factor
1.05
W/°C
Note: 
1.
Repetitive rating: pulse width and case temperature limited by maximum junction temperature.
The following table shows the thermal and mechanical characteristics of the MSC400SMA330B4 device.
Table 1-2. Thermal and Mechanical Characteristics
Symbol
Characteristic/Test Conditions
Min
Typ
Max
Unit
RθJC
Junction-to-case thermal resistance
0.64
0.96
°C/W
TJ
Operating junction temperature
–55
150
°C
TSTG
Storage temperature
–55
150
°C
TL
Soldering temperature for 10 seconds (1.6
mm from case)
300
°C
Mounting torque, 6-32 or M3 screw
10
lbf-in
1.1
N-m
Wt
Package weight
0.22
oz
6.2
g
1.2
Electrical Performance
The following table shows the static characteristics of the MSC400SMA330B4 device. TJ = 25 °C unless otherwise
specified.
Table 1-3. Static Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS Drain-source breakdown voltage
VGS = 0 V, ID = 100 μA
3300
V
RDS(on)
Drain-source on resistance1
VGS = 20 V, ID = 5 A
416
520
mΩ
MSC400SMA330B4
Device Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004433A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com