Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC080SMA330B4 Datasheet(PDF) 1 Page - Microchip Technology

Part # MSC080SMA330B4
Description  3300 V, 400 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA330B4 Datasheet(HTML) 1 Page - Microchip Technology

  MSC080SMA330B4 Datasheet HTML 1Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 2Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 3Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 4Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MSC400SMA330B4
3300 V, 400 mΩ SiC N-Channel Power MOSFET
Product Overview
The silicon carbide (SiC) power MOSFET product line from Microsemi increases the performance over silicon
MOSFET and silicon IGBT solutions while lowering the total cost of ownership for high-voltage applications. The
MSC400SMA330B4 device is a 3300 V, 400 mΩ SiC MOSFET in a TO-247 4-lead package with a source sense.
Features
The following are key features of the MSC400SMA330B4 device:
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 150 °C
• Fast and reliable body diode
• Superior avalanche ruggedness
• RoHS compliant
Benefits
The following are benefits of the MSC400SMA330B4 device:
• High efficiency to enable lighter, more compact system
• Simple to drive and easy to parallel
• Improved thermal capabilities and lower switching losses
• Eliminates the need for external freewheeling diode
• Lower system cost of ownership
Applications
The MSC400SMA330B4 device is designed for the following applications:
• PV inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• H/EV powertrain and EV charger
• Power supply and distribution
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004433A-page 1


Similar Part No. - MSC080SMA330B4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MSC080SMA120B ISC-MSC080SMA120B Datasheet
322Kb / 3P
SiC N-Channel MOSFET
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Microsemi Corporation
MSC080SMA120J MICROSEMI-MSC080SMA120J Datasheet
1Mb / 10P
Silicon Carbide N-Channel Power MOSFET
logo
Inchange Semiconductor ...
MSC080SMA120J ISC-MSC080SMA120J Datasheet
576Kb / 3P
SiC N-Channel MOSFET
More results

Similar Description - MSC080SMA330B4

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
N-channel SiC power MOSFET
logo
GeneSiC Semiconductor, ...
G2R50MT33-CAL GENESIC-G2R50MT33-CAL Datasheet
866Kb / 12P
3300 V 50 m廓 SiC MOSFET
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
MSC750SMA170SA MICROCHIP-MSC750SMA170SA Datasheet
5Mb / 15P
1700 V 750 mΩ SiC N-Channel Power MOSFET
03/2022 Revision A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com