Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLD261 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FLLD261
Description  HIGH CONDUCTANCE LOW LEAKAGE DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FLLD261 Datasheet(HTML) 5 Page - ON Semiconductor

  FLLD261 Datasheet HTML 1Page - ON Semiconductor FLLD261 Datasheet HTML 2Page - ON Semiconductor FLLD261 Datasheet HTML 3Page - ON Semiconductor FLLD261 Datasheet HTML 4Page - ON Semiconductor FLLD261 Datasheet HTML 5Page - ON Semiconductor FLLD261 Datasheet HTML 6Page - ON Semiconductor FLLD261 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.037” +/- 0.005”
(0.950 +/- 0.127 )
0.099” +/- 0.005”
(2.524 +/- 0.127 )
0.039” +/- 0.005”
(1.000 +/- 0.127)
RECOMMENDED SOLDER PADS
FOR
U.S., European & Japanese (SC-59)
SOT-23
0.031” +/- 0.005”
(0.800 +/- 0.127)
0.060” +/- 0.005”
(1.524 +/- 0.127)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com