Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLD261 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FLLD261
Description  HIGH CONDUCTANCE LOW LEAKAGE DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FLLD261 Datasheet(HTML) 2 Page - ON Semiconductor

  FLLD261 Datasheet HTML 1Page - ON Semiconductor FLLD261 Datasheet HTML 2Page - ON Semiconductor FLLD261 Datasheet HTML 3Page - ON Semiconductor FLLD261 Datasheet HTML 4Page - ON Semiconductor FLLD261 Datasheet HTML 5Page - ON Semiconductor FLLD261 Datasheet HTML 6Page - ON Semiconductor FLLD261 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FLLD261
HIGH CONDUCTANCE LOW LEAKAGE DIODE
P8A
PD . . . .350 mW @ TA = 25 Deg C
BV . . . .200 V (MIN) @ IR = 5 uA
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
TEMPERATURES
Storage Temperature
-55 to +150 Degrees C
Operating Junction Temperature
-55 to +150 Degrees C
POWER DISSIPATION (NOTES 2 & 3)
Total Device Dissipation at TA = 25 Deg C
350 mW
Derating Factor per Degree C
2.8 mW
VOLTAGES & CURRENTS
WIV
Working Inverse Voltage
100 V
IO
Average Rectified Current
250 mA
IF
DC Forward Current
600 mA
if
Recurrent Peak Forward Current
700 mA
if (surge) Peak Forward Surge Current
Pulse width = 1 second
1.0 A
Pulse width = 1 microsec
3.0 A
PACKAGE
TO-236AB (Low)
3
1
2
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
SYM
CHARACTERISTICS
MIN
MAX
UNITS
TEST CONDITIONS
BV
Breakdown Voltage
200
V
IR =
5.0 uA
IR
Reverse Voltage Leakage Current
5.0
nA
VR = 100 V
5.0
uA
VR = 100 V
TA = 150 Deg C
VF
Forward Voltage
1.40
V
IF =
200 mA
CT
Diode Capacitance
4.0
pF
VR =
1.0 V
f = 1.0 MHZ
TRR
Reverse Recovery Time
400
ns
IF = IR = 50 to 400 mA
IRR = 10% IR
RL = 100 ohms
TFR
Forward Recovery Time
10
ns
IF =
10 mA
VFM
Peak Forward Voltage
0.9
V
IF =
10 mA
Typ
Rise Time = 5 ns +/-20%
ELECTRICAL CHARACTERISTICS (25 Degrees C Ambient Temperature unless otherwise stated)
3
2
1
CONNECTION DIAGRAMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com