Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD-RQ0ADY-A Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BPD-RQ0ADY-A
Description  SIDE- LOOK PACKAGE PIN PHOTO DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BPD-RQ0ADY-A Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BPD-RQ0ADY-A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BPD-RQ0ADY-A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BPD-RQ0ADY-A Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BP
PD
D--R
RQ
Q0
0A
AD
DY
Y--A
A
F
Fo
orr A
AB
B
SINCE 1981
SIDE- LOOK PACKAGE
PIN PHOTO DIODE
Features
1. Wide receiving angle
2. Linear response vs. irradiance
3. Fast switching time
4. Side-looking Package ideal for space
limited applications
5. Lens Appearance: Black
Description
The BPD-RQ09DY-Adevice consists
of a PIN silicon photodiode molded in
a Black epoxy package which allows
spectral response
infrared light wavelengths. The wide
receiving angle provides relatively even
reception over a large area. The
side-looking package is designed for
easy PC board mounting. This photodiode
is mechanically and spectrally matched to
BRIGHT’s GaAs and GaAlAs series of infrared
emitting diodes.
Absolute Maximum Ratings(Ta=25℃)
Parameter
Maximum Rating
Unit
Power Dissipation
100
mW
Reverse Breakdown Voltage
60V
Operating Temperature
-45℃~+85℃
Storage Temperature Range
-45℃~+100℃
Lead Soldering Temperature
260℃ for 5 seconds
●
Package Dimensions:
NOTES:
1.All dimensions are in millimeters (inches).
2.Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3.Lead spacing is measured where the leads emerge from the package
4. Specifications are subject to change without notice
REV.2.0
Page:1 of 2
15.0(.591) MIN.
1.0(.039) MIN.
(.150± .004)
3.8± 0.1
(.157± .020)
4.0± 0.5
1
2
?0.5(.020)
(.197± .004)
(.256± .008)
6.5± 0.2
2. Anode
1. Cathode
1
2
2.54(.100)
(.169± .008)
5.0± 0.1
4.3± 0.2


Similar Part No. - BPD-RQ0ADY-A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BPD-RQ03DV-1 BRIGHT-BPD-RQ03DV-1 Datasheet
210Kb / 2P
SIDE- LOOK PACKAGE PIN PHOTO DIODE
BPD-RQ09DV-1 BRIGHT-BPD-RQ09DV-1 Datasheet
196Kb / 3P
SIDE- LOOK PACKAGE PIN PHOTO DIODE
BPD-RQ09DY-A BRIGHT-BPD-RQ09DY-A Datasheet
184Kb / 3P
SIDE- LOOK PACKAGE PIN PHOTO DIODE
More results

Similar Description - BPD-RQ0ADY-A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-73H1C UOT-MID-73H1C Datasheet
35Kb / 3P
SIDE-LOOK PACKAGE PIN PHOTODIODE
logo
BRIGHT LED ELECTRONICS ...
BPD-BQAA34 BRIGHT-BPD-BQAA34 Datasheet
207Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-BQB334 BRIGHT-BPD-BQB334 Datasheet
209Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-BQB934 BRIGHT-BPD-BQB934 Datasheet
207Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-BQBA34 BRIGHT-BPD-BQBA34 Datasheet
207Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-BQD934 BRIGHT-BPD-BQD934 Datasheet
270Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-BQDA34 BRIGHT-BPD-BQDA34 Datasheet
188Kb / 2P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-RQ03DV-1 BRIGHT-BPD-RQ03DV-1 Datasheet
210Kb / 2P
SIDE- LOOK PACKAGE PIN PHOTO DIODE
BPD-RQ09DV-1 BRIGHT-BPD-RQ09DV-1 Datasheet
196Kb / 3P
SIDE- LOOK PACKAGE PIN PHOTO DIODE
BPD-RQ09DY-A BRIGHT-BPD-RQ09DY-A Datasheet
184Kb / 3P
SIDE- LOOK PACKAGE PIN PHOTO DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com