Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD-RQ0ADY-A Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BPD-RQ0ADY-A
Description  SIDE- LOOK PACKAGE PIN PHOTO DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BPD-RQ0ADY-A Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BPD-RQ0ADY-A Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BPD-RQ0ADY-A Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BPD-RQ0ADY-A Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BP
PD
D--R
RQ
Q0
0A
AD
DY
Y--A
A
F
Fo
orr A
AB
B
SINCE 1981
Electrical Characteristics (TA=25℃ unless otherwise noted)
PARAMETER
SYM
BOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Reverse Light Current
IL
-
12
-
µA
VR=5V.Ee=5mW/cm
2
Reverse Dark Current
ID
-
-
30
nA
VR=30V.Ee=0
Reverse Break down Voltage
V(BR)
30
-
-
V
IR=100µA
Forward Voltage
VF
-
-
1.2
V
IF=1mA
Total Capacitance
CT
-
25
-
PF
VR=20V.Ee=0,f=1.0MHZ
Rise Time/ Fall Time
tr/tf
-
50
-
ns
VR=20V,λ=940nm.RL=50Ω
Typical Optical-Electrical Characteristic Curves
Relative Response vs.
Wavelength
VR=5V
IF=20mA
Distance Between Lens Tips-inches
Coupling Characteristics
Wavelength
TA=25°
=935nm
Normalized to VR=5V
lrradiance-mW/cm
Light Current vs. lrradiance
VR=5V
TA=25°
=935nm
Reverse Voltage
Note:
See Above For.
Conditions
RL
OUT
Switching Time Test Circuit
Reverse Voltage
IF
VR
Test Conditions
=935nm
VR=5V
Distance Lens to
Lens=1.5inches
Angular Displacement-Deg
Ambient Temperature
Dark Cuttent
Light Current vs. Angular
Displacement
Normalized Light Current vs
Reverse Voltage
TA=25℃
Ee=0mW/cm
f=1MHZ
Total Capacitance vs
Reverse Voltage
VR=5V
λ
=935nm
Normalized to
TA=25 c
Normalized Light and Dark
Current vs Ambient Temperture
Light Current
λ
2
λ
2
λ
C
C
REV.2.0
Page:2 of 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com