Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 43Page - NXP Semiconductors PCF8545 Datasheet HTML 44Page - NXP Semiconductors PCF8545 Datasheet HTML 45Page - NXP Semiconductors PCF8545 Datasheet HTML 46Page - NXP Semiconductors PCF8545 Datasheet HTML 47Page - NXP Semiconductors PCF8545 Datasheet HTML 48Page - NXP Semiconductors PCF8545 Datasheet HTML 49Page - NXP Semiconductors PCF8545 Datasheet HTML 50Page - NXP Semiconductors PCF8545 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
47 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
[1]
Power-down mode is enabled; I2C-bus or SPI-bus inactive.
[2]
1:8 multiplex drive mode; 1⁄4 bias; display enabled; LCD outputs are open circuit; RAM is all written with logic 1; inputs at VSS or VDD;
default display prescale factor; I2C-bus or SPI-bus inactive.
[3]
Strongly linked to VLCD voltage. See Figure 38.
[4]
1:8 multiplex drive mode; 1⁄4 bias; display enabled; LCD outputs are open circuit; RAM is all written with logic 1; default display prescale
factor.
[5]
The I2C-bus interface of PCF8545 is 5 V tolerant.
[6]
Variation between any two backplanes on a given voltage level; static measured.
[7]
Variation between any two segments on a given voltage level; static measured.
[8]
Outputs measured one at a time.
I2C-bus[5]
On pins SCL and SDA
VI
input voltage
VSS  0.5
-
5.5
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
--
V
VO
output voltage
0.5
-
+5.5
V
IL
leakage current
VI =VDD or VSS
1-
+1
A
On pin SDA
IOL
LOW-level output current
output sink current
VDD =1.8 V
3
5.5
-
mA
VDD =3.3 V
5
9
-
mA
SPI-bus
VI
input voltage
on pin SCL
VSS  0.5
-
5.5
V
on pins CE and SDI
VSS  0.5
-
VDD + 0.5
V
On pins SCL, CE and SDI
VIL
LOW-level input voltage
-
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
--
V
IL
leakage current
VI =VDD or VSS
1-
+1
A
LCD outputs
V
O
output voltage variation
on pins BP0 to BP7
[6] -2.5
+10
mV
on pins S0 to S43
[7] -2.5
+10
mV
RO
output resistance
VLCD = 5.5 V;
on pins BP0 to BP7
[8] -0.9
5.0
k
VLCD = 5.5 V;
on pins S0 to S43
[8] -1.5
6.0
k
Table 33.
Static characteristics …continued
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 5.5 V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com