Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF8545
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 64Page - NXP Semiconductors PCF8545 Datasheet HTML 65Page - NXP Semiconductors PCF8545 Datasheet HTML 66Page - NXP Semiconductors PCF8545 Datasheet HTML 67Page - NXP Semiconductors PCF8545 Datasheet HTML 68Page - NXP Semiconductors PCF8545 Datasheet HTML 69Page - NXP Semiconductors PCF8545 Datasheet HTML 70Page - NXP Semiconductors PCF8545 Datasheet HTML 71Page - NXP Semiconductors PCF8545 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
69 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
26. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 4.
Pin description of PCF8545ATT and
PCF8545BTT . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Table 5.
Commands of PCF8545 . . . . . . . . . . . . . . . . . .7
Table 6.
Initialize - initialize command bit description . . .7
Table 7.
OTP-refresh - OTP-refresh command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Table 8.
Mode-settings - mode settings command
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .8
Table 9.
Effect of the power-down bit (PD). . . . . . . . . . .10
Table 10. Oscillator-control - oscillator control
command bit description . . . . . . . . . . . . . . . . . 11
Table 11. Valid combinations of bits OSC, EFR,
and COE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Table 12. Typical use of bits OSC, EFR, and COE . . . . .12
Table 13. OSCCLK pin state depending on configuration 13
Table 14. LCD frame frequencies. . . . . . . . . . . . . . . . . . .13
Table 15. Set-MUX-mode - set multiplex drive mode
command bit description . . . . . . . . . . . . . . . . .14
Table 16. Set-bias-mode - set bias mode command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 17. Frame-frequency - frame frequency and output
clock frequency command bit description . . . .14
Table 18. Frame frequency prescaler values for 230 kHz
clock operation . . . . . . . . . . . . . . . . . . . . . . . .15
Table 19. Load-data-pointer - load data pointer
command bit description. . . . . . . . . . . . . . . . . .16
Table 20. Write-RAM-data - write RAM data
command bit description[1] . . . . . . . . . . . . . . . .16
Table 21. Reset state . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Table 22. Selection of display configurations . . . . . . . . . .20
Table 23. Preferred LCD drive modes: summary of
characteristics. . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 24. Backplane and active segment combinations. .29
Table 25. Control byte description . . . . . . . . . . . . . . . . . .36
Table 26. I2C slave address byte . . . . . . . . . . . . . . . . . . .39
Table 27. R/W-bit description . . . . . . . . . . . . . . . . . . . . . .39
Table 28. Status read out value . . . . . . . . . . . . . . . . . . . .40
Table 29. Modified status read out value . . . . . . . . . . . . .41
Table 30. Serial interface . . . . . . . . . . . . . . . . . . . . . . . . .42
Table 31. Subaddress byte definition . . . . . . . . . . . . . . . .42
Table 32. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . .45
Table 33. Static characteristics . . . . . . . . . . . . . . . . . . . .46
Table 34. Dynamic characteristics . . . . . . . . . . . . . . . . . .50
Table 35. Timing characteristics: I2C-bus . . . . . . . . . . . .51
Table 36. Timing characteristics: SPI-bus . . . . . . . . . . . .52
Table 37. Carrier tape dimensions of PCF8545ATT
and PCF8545BTT . . . . . . . . . . . . . . . . . . . . . .56
Table 38. SnPb eutectic process (from J-STD-020D) . . .58
Table 39. Lead-free process (from J-STD-020D) . . . . . .58
Table 40. Selection of LCD segment drivers . . . . . . . . . .61
Table 41. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . .64
Table 42. Revision history . . . . . . . . . . . . . . . . . . . . . . . .66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com