Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G030C6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32G030C6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32G030C6 Datasheet HTML 70Page - STMicroelectronics STM32G030C6 Datasheet HTML 71Page - STMicroelectronics STM32G030C6 Datasheet HTML 72Page - STMicroelectronics STM32G030C6 Datasheet HTML 73Page - STMicroelectronics STM32G030C6 Datasheet HTML 74Page - STMicroelectronics STM32G030C6 Datasheet HTML 75Page - STMicroelectronics STM32G030C6 Datasheet HTML 76Page - STMicroelectronics STM32G030C6 Datasheet HTML 77Page - STMicroelectronics STM32G030C6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
Electrical characteristics
STM32G030x6/x8
74/94
DS12991 Rev 1
All I2C SDA and SCL I/Os embed an analog filter. Refer to the following table for its
characteristics:
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 64 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 21: General operating conditions. The additional general conditions
are:
•
OSPEEDRy[1:0] set to 11 (output speed)
•
capacitive load C = 30 pF
•
measurement points at CMOS levels: 0.5 x VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 63. I2C analog filter characteristics(1)
1. Based on characterization results, not tested in production.
Symbol
Parameter
Min
Max
Unit
tAF
Limiting duration of spikes
suppressed by the filter(2)
2. Spikes shorter than the limiting duration are suppressed.
50
260
ns
Table 64. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
VDD(min) < VDD < 3.6 V
Range 1
--
32
MHz
Master transmitter
VDD(min) < VDD < 3.6 V
Range 1
32
Slave receiver
VDD(min) < VDD < 3.6 V
Range 1
32
Slave transmitter/full duplex
2.7 < VDD < 3.6 V
Range 1
32
Slave transmitter/full duplex
VDD(min) < VDD < 3.6 V
Range 1
25
VDD(min) < VDD < 3.6 V
Range 2
8
tsu(NSS) NSS setup time
Slave mode, SPI prescaler = 2
4 ₓ TPCLK
--
ns
th(NSS) NSS hold time
Slave mode, SPI prescaler = 2
2 ₓ TPCLK
--
ns
tw(SCKH) SCK high time
Master mode
TPCLK
- 1.5
TPCLK
TPCLK
+ 1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com