Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G030C6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32G030C6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32G030C6 Datasheet HTML 35Page - STMicroelectronics STM32G030C6 Datasheet HTML 36Page - STMicroelectronics STM32G030C6 Datasheet HTML 37Page - STMicroelectronics STM32G030C6 Datasheet HTML 38Page - STMicroelectronics STM32G030C6 Datasheet HTML 39Page - STMicroelectronics STM32G030C6 Datasheet HTML 40Page - STMicroelectronics STM32G030C6 Datasheet HTML 41Page - STMicroelectronics STM32G030C6 Datasheet HTML 42Page - STMicroelectronics STM32G030C6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
DS12991 Rev 1
39/94
STM32G030x6/x8
Electrical characteristics
80
5.1.6
Power supply scheme
Figure 9. Power supply scheme
Caution:
Power supply pin pair (VDD/VDDA and VSS/VSSA) must be decoupled with filtering
ceramic capacitors as shown above. These capacitors must be placed as close as possible
to, or below, the appropriate pins on the underside of the PCB to ensure the good
functionality of the device.
5.1.7
Current consumption measurement
Figure 10. Current consumption measurement scheme
MSv47984V1
VDD
Backup circuitry
(LSE, RTC and
backup registers)
Kernel logic
(CPU, digital and
memories)
IO
logic
IN
OUT
Regulator
GPIOs
1.55 V to 3.6 V
1 x 100 nF
+ 1 x 4.7 μF
VDD/VDDA
VBAT
VCORE
Power
switch
VDDIO1
ADC
VREF+
VREF-
VSS/VSSA
VREF
100 nF
VSS
VSSA
VDDA
VDD
VREF+
MSv47901V1
IDDVBAT
VBAT
IDD
VDD
(VDDA)
VBAT
VDD/VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com