Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G030C8 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32G030C8
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C8 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32G030C8 Datasheet HTML 41Page - STMicroelectronics STM32G030C8 Datasheet HTML 42Page - STMicroelectronics STM32G030C8 Datasheet HTML 43Page - STMicroelectronics STM32G030C8 Datasheet HTML 44Page - STMicroelectronics STM32G030C8 Datasheet HTML 45Page - STMicroelectronics STM32G030C8 Datasheet HTML 46Page - STMicroelectronics STM32G030C8 Datasheet HTML 47Page - STMicroelectronics STM32G030C8 Datasheet HTML 48Page - STMicroelectronics STM32G030C8 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
DS12991 Rev 1
45/94
STM32G030x6/x8
Electrical characteristics
80
Table 26. Current consumption in Sleep and Low-power sleep modes
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
Voltage
scaling
fHCLK
25°C 85°C 25°C 85°C
IDD(Sleep)
Supply
current in
Sleep mode
Flash memory enabled;
fHCLK = fHSE bypass
(≤16 MHz; PLL disabled),
fHCLK = fPLLRCLK
(>16 MHz; PLL enabled);
All peripherals disabled
Range 1
64 MHz
1.4
1.5
2.2
2.4
mA
56 MHz
1.3
1.4
1.9
2.1
48 MHz
1.2
1.2
1.9
1.9
32 MHz
0.9
0.9
1.4
1.5
24 MHz
0.7
0.8
1.1
1.3
16 MHz
0.4
0.4
0.7
0.8
Range 2
16 MHz
0.3
0.4
0.6
0.7
8 MHz
0.2
0.3
0.3
0.6
2 MHz
0.1
0.2
0.2
0.5
IDD(LPSleep)
Supply
current in
Low-power
sleep mode
Flash memory disabled;
PLL disabled;
fHCLK = fHSE bypass (> 32 kHz),
fHCLK = fLSE bypass (= 32 kHz);
All peripherals disabled
2 MHz
43
77
175
410
µA
1 MHz
29
60
150
375
500 kHz
23
52
145
285
125 kHz
16
46
130
270
32 kHz
13
44
125
260
1. Based on characterization results, not tested in production.
Table 27. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD
25 °C
85 °C
25 °C
85 °C
IDD(Stop 0)
Supply current
in Stop 0
mode
HSI kernel ON
2.4 V
290
320
395
540
µA
3 V
295
325
415
580
3.6 V
295
325
445
595
HSI kernel OFF
2.4 V
105
145
145
265
3 V
105
150
150
285
3.6 V
110
150
150
295
1. Based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com