Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G030C8 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32G030C8
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C8 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32G030C8 Datasheet HTML 86Page - STMicroelectronics STM32G030C8 Datasheet HTML 87Page - STMicroelectronics STM32G030C8 Datasheet HTML 88Page - STMicroelectronics STM32G030C8 Datasheet HTML 89Page - STMicroelectronics STM32G030C8 Datasheet HTML 90Page - STMicroelectronics STM32G030C8 Datasheet HTML 91Page - STMicroelectronics STM32G030C8 Datasheet HTML 92Page - STMicroelectronics STM32G030C8 Datasheet HTML 93Page - STMicroelectronics STM32G030C8 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
Ordering information
STM32G030x6/x8
92/94
DS12991 Rev 1
7
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Example:
STM32
G
030
K
8
T
6
xyy
Device family
STM32 = Arm® based 32-bit microcontroller
Product type
G = general-purpose
Device subfamily
030 = STM32G030xx
Pin count
J = 8
F = 20
K = 32
C = 48
Flash memory size
6 = 32 Kbytes
8 = 64 Kbytes
Package type
T = LQFP ECOPACK®2
P = TSSOP
M = SO˽N
Temperature range
6 = -40 to 85°C (105°C junction)
Options
˽TR = tape and reel packing
˽˽˽ = tray packing
other = 3-character ID incl. custom Flash code and packing information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com