Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103IPT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSC103IPT
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IPT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSC103IPT Datasheet HTML 4Page - STMicroelectronics TSC103IPT Datasheet HTML 5Page - STMicroelectronics TSC103IPT Datasheet HTML 6Page - STMicroelectronics TSC103IPT Datasheet HTML 7Page - STMicroelectronics TSC103IPT Datasheet HTML 8Page - STMicroelectronics TSC103IPT Datasheet HTML 9Page - STMicroelectronics TSC103IPT Datasheet HTML 10Page - STMicroelectronics TSC103IPT Datasheet HTML 11Page - STMicroelectronics TSC103IPT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
TSC103
8/25
DocID16873 Rev 3
Table 6. Output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Av
Gain
SEL1 = Gnd, SEL2 = Gnd
SEL1 = Gnd, SEL2 = Vcc+
SEL1 = Vcc+, SEL2 = Gnd
SEL1 = Vcc+, SEL2 = Vcc+
20
25
50
100
V/V
ΔVout/ΔT Output voltage drift vs. T(1)
Av = 50 V/V
Tmin < Tamb < Tmax
±240
ppm/°C
ΔVout/ΔIout Output stage load regulation
-10 mA < Iout <10 mA
Iout sink or source current
Av = 50 V/V
0.3
±1.5
mV/mA
ΔVout
Total output voltage accuracy(2)
Vsense = 50 mV(3) Tamb = 25 ° C
Tmin < Tamb < Tmax
±2.5
±4
%
ΔVout
Total output voltage accuracy
Vsense = 90 mV(3) Tamb = 25 ° C
Tmin < Tamb < Tmax
±3.5
±5
ΔVout
Total output voltage accuracy
Vsense = 20 mV Tamb = 25 ° C
Tmin < Tamb < Tmax
±3.5
±5
ΔVout
Total output voltage accuracy
Vsense = 10 mV Tamb = 25 ° C
Tmin < Tamb < Tmax
±5.5
±8
ΔVout
Total output voltage accuracy
Vsense = 5 mV Tamb = 25 ° C
Tmin < Tamb < Tmax
±10
±22
Isc
Short-circuit current
OUT connected to VCC or GND 15
26
mA
VOH
Output stage high-state saturation
voltage
VOH = VCC-Vout
Vsense = 1 V
Iout = 1 mA
85
135
mV
VOL
Output stage low-state saturation
voltage
Vsense =-1 V
Iout = 1 mA
80
125
1. See Section 5: Parameter definitions for the definition of output voltage drift versus temperature.
2. Output voltage accuracy is the difference with the expected theoretical output voltage Vout-th=Av*Vsense. See Section 5 for
a more detailed definition.
3.
Except for Av = 100 V/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com