Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103IPT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSC103IPT
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IPT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSC103IPT Datasheet HTML 15Page - STMicroelectronics TSC103IPT Datasheet HTML 16Page - STMicroelectronics TSC103IPT Datasheet HTML 17Page - STMicroelectronics TSC103IPT Datasheet HTML 18Page - STMicroelectronics TSC103IPT Datasheet HTML 19Page - STMicroelectronics TSC103IPT Datasheet HTML 20Page - STMicroelectronics TSC103IPT Datasheet HTML 21Page - STMicroelectronics TSC103IPT Datasheet HTML 22Page - STMicroelectronics TSC103IPT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID16873 Rev 3
19/25
TSC103
Application information
25
7
Application information
The TSC103 can be used to measure current and to feed back the information to a
microcontroller.
Figure 22. Single-supply configuration schematic
The current from the supply flows to the load through the Rsense resistor, causing a voltage
drop equal to Vsense across Rsense. The amplifier’s input currents are negligible, therefore its
inverting input voltage is equal to Vm. The amplifier's open-loop gain forces its non-inverting
input to the same voltage as the inverting input. Consequently, the amplifier adjusts the
current flowing through Rg1 so that the voltage drop across Rg1 matches Vsense exactly.
Therefore, the drop across Rg1 is:
VRg1 = Vsense = Rsense.Iload
If IRg1 is the current flowing through Rg1, then IRg1 is given by the formula:
IRg1 = Vsense/Rg1
The IRg1 current flows entirely into resistor Rg3 (the input bias current of the buffer is
negligible). Therefore, the voltage drop on the Rg3 resistor can be calculated as follows.
VRg3 = Rg3.IRg1 = (Rg3/Rg1).Vsense= K1.Vsense with K1=Rg3/Rg1.
The voltage across the Rg3 resistor is buffered to the Out pin by the voltage buffer, featuring
a gain equal to K2. Therefore Vout can be expressed as:
Vout = K1.K2.Vsense = Av.Vsense with Av= K1.K2
or: Vout = Av .Rsense.Iload
AM04517
5 V
Vsense
Iload
Rsense
Common-mode voltage: 2.9 V to 70 V
Vp
Vm
Rg1
Rg2
Vcc+
Vcc
SEL1
Vout
Iload
Rsense
Rg3
Vp
Vm
Out
Rg1
Rg2
Voltage
buffer
Sense
amplifier
Vcc+
TSC103
Gnd
Vcc-
K2
µ Controller
ADC
Vcc
GPIO2
Gnd
SEL1
SEL2
GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com