Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC103IDT
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC103IDT Datasheet HTML 2Page - STMicroelectronics TSC103IDT Datasheet HTML 3Page - STMicroelectronics TSC103IDT Datasheet HTML 4Page - STMicroelectronics TSC103IDT Datasheet HTML 5Page - STMicroelectronics TSC103IDT Datasheet HTML 6Page - STMicroelectronics TSC103IDT Datasheet HTML 7Page - STMicroelectronics TSC103IDT Datasheet HTML 8Page - STMicroelectronics TSC103IDT Datasheet HTML 9Page - STMicroelectronics TSC103IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Absolute maximum ratings and operating conditions
TSC103
6/25
DocID16873 Rev 3
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vid
Input pins differential voltage (Vp-Vm)±20
V
Vin_sense
Sensing pins input voltages (Vp, Vm)(1)
1. These voltage values are measured with respect to the Vcc- pin.
-16 to 75
Vin_sel
Gain selection pins input voltages (SEL1, SEL2)(2)
2. These voltage values are measured with respect to the Gnd pin.
-0.3 to Vcc++0.3
Vcc+
Positive supply voltage(2)
-0.3 to 7
Vcc+-Vcc-
DC supply voltage
0 to 15
Vout
DC output pin voltage(2)
-0.3 to Vcc++0.3
Tstg
Storage temperature
-55 to 150
°C
Tj
Maximum junction temperature
150
Rthja
TSSOP8 thermal resistance junction to ambient
120
°C/W
SO8 thermal resistance junction to ambient
125
ESD
HBM: human body model(3)
3. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2.5
kV
MM: machine model(4)
4. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
150
V
CDM: charged device model(5)
5. Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
Vcc+
Supply voltage in single-supply configuration from
Tmin to Tmax
(Vcc- connected to Gnd = 0 V)
2.7 to 5.5
V
Vcc-
Negative supply voltage in dual-supply
configuration from Tmin to Tmax
-
V
Vcc+ = 5.5 V max
-8 to 0
Vcc+ = 3 V max
-11 to 0
Vicm
Common-mode voltage range referred to pin Vcc -
(Tmin to Tmax)
2.9 to 70
V
Toper
Operational temperature range (Tmin to Tmax)
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com