Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC103IDT
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSC103IDT Datasheet HTML 1Page - STMicroelectronics TSC103IDT Datasheet HTML 2Page - STMicroelectronics TSC103IDT Datasheet HTML 3Page - STMicroelectronics TSC103IDT Datasheet HTML 4Page - STMicroelectronics TSC103IDT Datasheet HTML 5Page - STMicroelectronics TSC103IDT Datasheet HTML 6Page - STMicroelectronics TSC103IDT Datasheet HTML 7Page - STMicroelectronics TSC103IDT Datasheet HTML 8Page - STMicroelectronics TSC103IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Application schematic and pin description
TSC103
4/25
DocID16873 Rev 3
Figure 2. Dual-supply configuration schematic
Figure 3. Common-mode versus supply voltage in dual-supply configuration
5 V
Vsense
Vout
Iload
Rsense
µ Controller
ADC
Gnd
Vcc
GPIO1
GPIO2
-5 V
Vp
Vm
Vcc+
TSC103
Out
Gnd
SEL1
SEL2
Vcc-
Common-mode voltage: -2.1 V to 65 V
AM04518
Max = 70 V
min = 2.9 V
Max = 65 V
min = -2.1 V
Vcc- = 0 V
Vcc- = -5 V
Max = 60 V
min = -7.1 V
Vcc- = -10 V
Single-supply
Dual-supply
Vicm
common-mode voltage
operating range
AM04519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com