Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA103 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA103
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103 Datasheet(HTML) 2 Page - Texas Instruments

  INA103 Datasheet HTML 1Page - Texas Instruments INA103 Datasheet HTML 2Page - Texas Instruments INA103 Datasheet HTML 3Page - Texas Instruments INA103 Datasheet HTML 4Page - Texas Instruments INA103 Datasheet HTML 5Page - Texas Instruments INA103 Datasheet HTML 6Page - Texas Instruments INA103 Datasheet HTML 7Page - Texas Instruments INA103 Datasheet HTML 8Page - Texas Instruments INA103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
®
INA103
2
SPECIFICATIONS
All specifications at TA = +25°C, VS = ±15V and RL = 2kΩ, unless otherwise noted.
INA103KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN
Range of Gain
1
1000
V/V
Gain Equation (1)
G = 1 + 6k
Ω/R
G
V/V
Gain Error, DC G = 1
±10V Output
0.005
0.05
%
G = 100
0.07
0.25
%
Equation
0.05
%
Gain Temp. Co. G = 1
±10V Output
10
ppm/
°C
G = 100
25
ppm/
°C
Equation
25
ppm/
°C
Nonlinearity, DC G = 1
±10V Output
0.0003
0.01
% of FS(2)
G = 100
0.0006
0.01
% of FS
OUTPUT
Voltage, RL = 600Ω
TA = TMIN to TMAX
±11.5
±12
V
RL = 600Ω
VS = ±25, TA = 25°C
±20
±21
V
Current
TA = TMIN to TMAX
±40
mA
Short Circuit Current
±70
mA
Capacitive Load Stability
10
nF
INPUT OFFSET VOLTAGE
Initial Offset RTI(3)
(30 + 1200/G)
µV
(KU Grade)
(250+ 5000/G)
µV
vs Temp G = 1 to 1000
TA = TMIN to TMAX
1 + 20/G
µV/°C
G = 1000
TA = TMIN to T MAX
µV/°C
vs Supply
±9V to ±2
0V
0.2 + 8/G
4 + 60/G
µV/V
INPUT BIAS CURRENT
Initial Bias Current
2.5
2000
µA
vs Temp
TA = TMIN to TMAX
15
nA/
°C
Initial Offset Current
0.04
1
µA
vs Temp
TA = TMIN to TMAX
0.5
nA/
°C
INPUT IMPEDANCE
Differential Mode
60 || 2
M
Ω || pF
Common-Mode
60 || 5
M
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Range (4)
±11
±12
V
CMR
G = 1
DC to 60Hz
72
86
dB
G = 100
DC to 60Hz
100
125
dB
INPUT NOISE
Voltage (5)
RS = 0Ω
10Hz
2
nV/
√Hz
100Hz
1.2
nV/
√Hz
1kHz
1
nV/
√Hz
Current, 1kHz
2
pA/
√Hz
OUTPUT NOISE
Voltage
1kHz
65
nV/
√Hz
A Weighted, 20Hz-20kHz
20Hz-20kHz
–100
dBu
DYNAMIC RESPONSE
–3dB Bandwidth: G = 1
Small Signal
6
MHz
G = 100
Small Signal
800
kHz
Full Power Bandwidth
G = 1
VOUT = ±10V, RL = 600Ω
240
kHz
Slew Rate
G = 1 to 500
15
V/
µs
THD + Noise
G = 100, f = 1kHz
0.0009
%
Settling Time 0.1%
G = 1
VO = 20V Step
1.7
µs
G = 100
1.5
µs
Settling Time 0.01%
G = 1
VO = 20V Step
2
µs
G = 100
3.5
µs
Overload Recovery (6)
50% Overdrive
1
µs
NOTES: (1) Gains other than 1 and 100 can be set by adding an external resistor, RG between pins 2 and 15. Gain accuracy is a function of RG. (2) FS = Full Scale.
(3) Adjustable to zero. (4) VO = 0V, see Typical Curves for VCM vs VO. (5) VNOISE RTI = √V2N INPUT + (VN OUTPUT/Gain)2 + 4KTRG. See Typical Curves. (6) Time required
for output to return from saturation to linear operation following the removal of an input overdrive voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com