Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA103 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA103
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA103 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA103 Datasheet HTML 8Page - Texas Instruments INA103 Datasheet HTML 9Page - Texas Instruments INA103 Datasheet HTML 10Page - Texas Instruments INA103 Datasheet HTML 11Page - Texas Instruments INA103 Datasheet HTML 12Page - Texas Instruments INA103 Datasheet HTML 13Page - Texas Instruments INA103 Datasheet HTML 14Page - Texas Instruments INA103 Datasheet HTML 15Page - Texas Instruments INA103 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
®
INA103
12
FIGURE 12. Microphone Preamplifier with Provision for Phantom Power Microphones.
FIGURE 13. Instrumentation Amplifier with Shield Driver.
FIGURE 14. Gain-of-100 INA103 with FET Buffers.
11
10
7
VIN
16
15
13
14
6
2
1
INA103
∆
VIN
∆
V
= 100
OUT
–
+
OPA627
–
+
OPA627
Gain = 100V/V
(40dB)
11 10
7
16
15
13
14
6
2
1
VOUT
INA103
10
Ω
1k
Ω
Gain
Adjust
2.2k
Ω
240
Ω
47µF/63V
+
2.2k
Ω
240
Ω
47µF/63V
+
+48V
20dB
Pad
20dB
Pad
47k
Ω
6.8k
Ω
6.8k
Ω
1
3
2
cm
1µF
100k
Ω
–
+
OPA627
Phantom
Power
Output offset voltage
control loop.
12
5
16
15
13
14
6
2
1
INA103
11
10
7
V
OUT
10k
Ω
10k
Ω
VIN
∆
–
+
10k
Ω
10k
Ω
OPA602
100
Ω
Shield driver minimizes degradation of CMR due
to distributed capacitance on the input lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com