Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544M-L/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3544M-L/NOPB
Description  Quad Port USB Power Distribution Switch and Over-Current Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544M-L/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM3544M-L/NOPB Datasheet HTML 1Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 2Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 3Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 4Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 5Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 6Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 7Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 8Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM3544
www.ti.com
SNVS062C – AUGUST 2000 – REVISED MAY 2013
AC ELECTRICAL CHARACTERISTICS
Limits are for TJ = 25°C and VIN = 5.0V.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
OUTX Rise Time
(1)
CL = 33 μF, ILOAD = 500 mA
1.5
ms
tf
OUTX Fall Time
(2)
CL = 33 μF, ILOAD = 500 mA
0.9
ms
tON
Turn-on Delay(3)
CL = 33 μF, ILOAD = 500 mA
2.9
ms
tOFF
Turn-off Delay(4)
CL = 33 μF, ILOAD = 500 mA
0.7
ms
tF
Flag Delay(5)
IFLAG = 10 mA
7
ms
(1)
Time for OUTX to rise from 10% to 90% of its enabled steady-state value after ENX (ENX) is asserted.
(2)
Time for OUTX to fall from 10% to 90% of its enabled steady-state value after ENX (ENX) is deasserted.
(3)
Time between ENX rising through VIH (ENX falling through VIL) and OUTX rising through 90% of its enabled steady-state voltage.
(4)
Time between ENX falling through VIL (ENX rising through VIH) and OUTX falling through 10% of its enabled steady-state voltage.
(5)
Time between ENX rising through VIN (ENX falling through VIN) and FLAGX falling through 0.3V when OUTX is connected to GND.
PIN DESCRIPTIONS
Pin Number
Pin Name
Pin Function
2, 6
IN 1, 2
Supply Inputs: These pins are the inputs to the power switches and the supply input for
the IC. In most applications they are connected together externally and to a single input
voltage supply.
1, 5
GND 1, 2
Grounds: Must be connected together and to a common ground.
15, 14, 11, 10
OUT 1, 2, 3, 4
Switch Outputs: These pins are the outputs of the high side switches.
3, 4, 7, 8
LM3544-H: EN 1, 2, 3, 4
Enable (Inputs): Active-high (or active-low) logic enable inputs.
(LM3544-L: EN 1, 2, 3, 4)
16, 13, 12, 9
FLAG 1, 2, 3,4
Fault Flag (Outputs): Active-low open drain outputs. Indicates over-current, UVLO or
thermal shutdown. See APPLICATION INFORMATION for more details.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com